| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM7S256-AI bảng dữ liệu(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S256-AI bảng dữ liệu(HTML) 6 Page - ATMEL Corporation |
|
6 / 32 page ![]() 6 AT91SAM7S256 Summary Preliminary 6117AS–ATARM–20-Oct-04 Two-Wire Interface TWD Two-wire Serial Data I/O TWCK Two-wire Serial Clock I/O Analog-to-Digital Converter AD0-AD3 Analog Inputs Analog Digital pulled-up inputs at reset AD4-AD7 Analog Inputs Analog Analog Inputs ADTRG ADC Trigger Input ADVREF ADC Reference Analog Fast Flash Programming Interface PGMEN0-PGMEN1 Programming Enabling Input PGMM0-PGMM3 Programming Mode Input PGMD0-PGMD15 Programming Data I/O PGMRDY Programming Ready Output High PGMNVALID Data Direction Output Low PGMNOE Programming Read Input Low PGMCK Programming Clock Input PGMNCMD Programming Command Input Low Table 1. Signal Description List (Continued) Signal Name Function Type Active Level Comments |