công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM7S128-AI bảng dữ liệu(PDF) 6 Page - ATMEL Corporation

tên linh kiện AT91SAM7S128-AI
Giải thích chi tiết về linh kiện  AT91 ARM Thumb-based Microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S128-AI bảng dữ liệu(HTML) 6 Page - ATMEL Corporation

Back Button AT91SAM7S128-AI Datasheet HTML 2Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
AT91SAM7S128 Summary Preliminary
6116AS–ATARM–20-Oct-04
Two-Wire Interface
TWD
Two-wire Serial Data
I/O
TWCK
Two-wire Serial Clock
I/O
Analog-to-Digital Converter
AD0-AD3
Analog Inputs
Analog
Digital pulled-up inputs at reset
AD4-AD7
Analog Inputs
Analog
Analog Inputs
ADTRG
ADC Trigger
Input
ADVREF
ADC Reference
Analog
Fast Flash Programming Interface
PGMEN0-PGMEN1
Programming Enabling
Input
PGMM0-PGMM3
Programming Mode
Input
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
Table 1. Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32