công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89C51SND1C-ROTIL bảng dữ liệu(PDF) 92 Page - ATMEL Corporation

tên linh kiện AT89C51SND1C-ROTIL
Giải thích chi tiết về linh kiện  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL bảng dữ liệu(HTML) 92 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 210 page
background image
92
AT8xC51SND1C
4109E–8051–06/03
Isochronous Transactions
Isochronous OUT
Transactions in Standard
Mode
An endpoint should be first enabled and configured before being able to receive Isochro-
nous packets.
When an OUT packet is received on an endpoint, the RXOUTB0 bit is set by the USB
controller. This triggers an interrupt if enabled. The firmware has to select the corre
Bulk-outsponding endpoint, store the number of data Bytes by reading the UBYCTX
register. If the received packet is a ZLP (Zero Length Packet), the UBYCTX register
value is equal to 0 and no data has to be read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet
stored in FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO Bytes have been read, the firmware should clear the
RXOUTB0 bit to allow the USB controller to store the next OUT packet data into the
endpoint FIFO. Until the RXOUTB0 bit has been cleared by the firmware, the data sent
by the Host at each OUT transaction will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data, the USB controller will
store only the remaining Bytes into the FIFO.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data
won’t be stored, but the USB controller will consider that the packet is valid if the CRC is
correct.
Isochronous OUT
Transactions in Ping-pong
Mode
An endpoint should be first enabled and configured before being able to receive Isochro-
nous packets.
When a OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware has to select the cor-
responding endpoint, store the number of data Bytes by reading the UBYCTX register. If
the received packet is a ZLP (Zero Length Packet), the UBYCTX register value is equal
to 0 and no data has to be read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet
stored in FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO Bytes have been read, the firmware should clear the
RXOUB0 bit to allow the USB controller to store the next OUT packet data into the end-
point FIFO bank 0. This action switches the endpoint bank 0 and 1. Until the RXOUTB0
bit has been cleared by the firmware, the data sent by the Host on the bank 0 endpoint
FIFO will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data on the endpoint bank 0, the
USB controller will store only the remaining Bytes into the FIFO.
When a new OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by
the USB controller. This triggers an interrupt if enabled. The firmware empties the bank
1 endpoint FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been
cleared by the firmware, the data sent by the Host on the bank 1 endpoint FIFO will be
lost.
The RXOUTB0 and RXOUTB1 bits are alternatively set by the USB controller at each
new packet receipt.
The firmware has to clear one of these 2 bits after having read all the data FIFO to allow
a new packet to be stored in the corresponding bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com