công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB82 bảng dữ liệu(PDF) 16 Page - ATMEL Corporation

tên linh kiện AT90USB82
Giải thích chi tiết về linh kiện  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 bảng dữ liệu(HTML) 16 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 12Page - ATMEL Corporation AT90USB82 Datasheet HTML 13Page - ATMEL Corporation AT90USB82 Datasheet HTML 14Page - ATMEL Corporation AT90USB82 Datasheet HTML 15Page - ATMEL Corporation AT90USB82 Datasheet HTML 16Page - ATMEL Corporation AT90USB82 Datasheet HTML 17Page - ATMEL Corporation AT90USB82 Datasheet HTML 18Page - ATMEL Corporation AT90USB82 Datasheet HTML 19Page - ATMEL Corporation AT90USB82 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
7618C–AVR–07/08
The API are located at absolute addresses in the USB bootloader firmware and accept specific
registers values as parameters. These parameters are compatible with a C compiler calling con-
vention and thus can be called directly with function pointer declared as in the example below:
The full assembly code for the flash API drivers is given in “Appendix-B” on page 20.
C Code Example
#if (FLASH_END==0x1FFFF) //128K bytes parts
#define
LAST_BOOT_ENTRY
0xFFFE
#elif (FLASH_END==0xFFFF)//64K bytes parts
#define
LAST_BOOT_ENTRY
0x7FFE
#else
#error You must define FLASH_END in bytes.
#endif
// These functions pointers are used to call functions entry points in bootloader
void (*boot_flash_page_erase_and_write)(unsigned long adr)=(void (*)(unsigned
long))(LAST_BOOT_ENTRY-12);
U8 (*boot_flash_read_sig) (unsigned long adr)=(U8 (*)(unsigned
long))(LAST_BOOT_ENTRY-10);
U8 (*boot_flash_read_fuse) (unsigned long adr)=(U8 (*)(unsigned
long))(LAST_BOOT_ENTRY-8);
void (*boot_flash_fill_temp_buffer) (unsigned int data,unsigned int adr)=(void
(*)(unsigned int, unsigned int))(LAST_BOOT_ENTRY-6);
void (*boot_flash_prg_page) (unsigned long adr)=(void (*)(unsigned
long))(LAST_BOOT_ENTRY-4);
void (*boot_flash_page_erase) (unsigned long adr)=(void (*)(unsigned
long))(LAST_BOOT_ENTRY-2);
void (*boot_lock_wr_bits) (unsigned char val)=(void (*)(unsigned
char))(LAST_BOOT_ENTRY);
// This function writes 0x55AA @ 0x1200 in the on-flash calling flash drivers located
in USB bootloader
void basic_flash_access(void)
{
unsigned long address;
unsigned int temp16;
temp16=0x55AA;
address=0x12000;
(*boot_flash_fill_temp_buffer)(temp16,address);
(*boot_flash_page_erase)(address);
(*boot_flash_prg_page)(address);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28