công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB162 bảng dữ liệu(PDF) 15 Page - ATMEL Corporation

tên linh kiện AT90USB162
Giải thích chi tiết về linh kiện  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB162 bảng dữ liệu(HTML) 15 Page - ATMEL Corporation

Back Button AT90USB162 Datasheet HTML 11Page - ATMEL Corporation AT90USB162 Datasheet HTML 12Page - ATMEL Corporation AT90USB162 Datasheet HTML 13Page - ATMEL Corporation AT90USB162 Datasheet HTML 14Page - ATMEL Corporation AT90USB162 Datasheet HTML 15Page - ATMEL Corporation AT90USB162 Datasheet HTML 16Page - ATMEL Corporation AT90USB162 Datasheet HTML 17Page - ATMEL Corporation AT90USB162 Datasheet HTML 18Page - ATMEL Corporation AT90USB162 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
7618C–AVR–07/08
6.
Accessing the Low level Flash Drivers
The AT90USB USB bootloader is located in the boot section of the on-chip flash memory, mean-
while the bootloader section is the unique memory location allowed to execute on-chip flash
memory write operations (SPM instruction is decoded only in this section).
Thus applications which require on-chip flash write access can perform calls to specific entry
points located in the USB bootloader.
The USB bootloader provides several Application Programming Interfaces (API) that allows the
application to access low level flash drivers located in the boot section. These APIs allow the fol-
lowing operations:
• Page Erase
• Page Write
• Load word in the temporary page buffer
Figure 6-1.
USB bootloader API calls
Application section
Boot section
API entry points
USB Bootloader
Low level flash drivers
On-Chip flash Request:
"Page Erase"
"Page Write"
"Load Word"
Low Level
Flash Operations
Target Page modified
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com