công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB128X bảng dữ liệu(PDF) 3 Page - ATMEL Corporation

tên linh kiện AT90USB128X
Giải thích chi tiết về linh kiện  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB128X bảng dữ liệu(HTML) 3 Page - ATMEL Corporation

  AT90USB128X Datasheet HTML 1Page - ATMEL Corporation AT90USB128X Datasheet HTML 2Page - ATMEL Corporation AT90USB128X Datasheet HTML 3Page - ATMEL Corporation AT90USB128X Datasheet HTML 4Page - ATMEL Corporation AT90USB128X Datasheet HTML 5Page - ATMEL Corporation AT90USB128X Datasheet HTML 6Page - ATMEL Corporation AT90USB128X Datasheet HTML 7Page - ATMEL Corporation AT90USB128X Datasheet HTML 8Page - ATMEL Corporation AT90USB128X Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
7618C–AVR–07/08
• Boot Reset Fuse The Boot Reset Fuse (BOOTRST) can be programmed so that the Reset
Vector points to the Boot Flash section start address after reset. Once the user code is
loaded, a bootloader command (“start application”) can start executing the application code.
Note that the fuses cannot be changed by the MCU itself. This means that once the Boot
Reset Fuse is programmed, the Reset Vector will always point to the Bootloader Reset and
the fuse can only be changed through the serial or parallel programming interface. The
BOOTRST fuse is not active in the default factory configuration.
• External Hardware conditions The Hardware Boot Enable fuse (HWBE) can be
programmed so that upon special hardware conditions under reset, the bootloader execution
is forced after reset.
These different conditions are summarized in Figure 3-1 on page 3.
Figure 3-1.
Boot Process
4.
Protocol
4.1
Device Firmware Upgrade Introduction
Device Firmware Upgrade (DFU) is the mechanism implemented to perform device firmware
modifications. Any USB device can exploit this capability by supporting the requirements speci-
fied in this document.
Because it is unpractical for a device to concurrently perform both DFU operations and its nor-
mal run-time activities, these normal activities must cease for the duration of the DFU
operations. Doing so means that the device must change its operating mode; i.e., a printer is not
a printer while it is undergoing a firmware upgrade; it is a PROM programmer. However, a
BOOTRST = 0
Start Bootloader
Yes
PC = 0000h
No
PC = boot loader section
Ext Hardware
conditions
No
Yes
Application
Running
"Software activation (jump)"
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com