| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE7569ACPZF16-RL2 bảng dữ liệu(PDF) 82 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7569ACPZF16-RL2 bảng dữ liệu(HTML) 82 Page - Analog Devices |
|
82 / 136 page ![]() ADE7566/ADE7569 Preliminary Technical Data Rev. PrA | Page 82 of 136 INTERRUPT FLAGS The interrupt flags and status flags associated with the interrupt vectors are shown in Table 68 and Table 69. Most of the interrupts have flags associated with them. Table 68. Interrupt Flags Interrupt Source Flags Bit Address Description IE0 TCON.1 IE0 External Interrupt 0. TF0 TCON.5 TF0 Timer 0. IE1 TCON.3 IE1 External Interrupt 1. TF1 TCON.7 TF1 Timer 1. SCON.1 TI Transmit Interrupt. RI + TI SCON.0 RI Receive Interrupt. T2CON.7 TF2 Timer 2 Overflow Flag. TF2 + EXF2 T2CON.6 EXF2 Timer 2 External Flag. ITEMP (Temperature ADC) – – Temperature ADC Interrupt. Does not have an interrupt flag associated with it. IPSM (Power Supply) IPSMF.6 FPSM PSM Interrupt Flag. IADE (Energy Measurement DSP) MIRQSTL.7 – Read MIRQSTH, MIRQSTM, MIRQSTL. Table 69. Status Flags Interrupt Source Flags Bit Address Description ITEMP (Temperature ADC) – – Temperature ADC Interrupt. Does not have a status flag associated with it. SPI2CSTAT – SPI Interrupt Status Register. ISPI/I2CI SPI2CSTAT – I2C Interrupt Status Register. TIMECON.7 – RTC Midnight Flag. IRTC (RTC Interval Timer) TIMECON.2 – RTC Alarm Flag. WDT (Watchdog Timer) WDCON.2 WDS Watchdog Timeout Flag. A functional block diagram of the interrupt system is shown in Figure 75. Note that the PSM interrupt is the only interrupt in the highest priority level. If an external wake-up event occurs to wake the ADE7566 /ADE7569 from PSM2, a pending external interrupt is generated. When the EX0 or EX1 bits in the Interrupt Enable SFR (IE, 0xA8) are set to enable external interrupts, the program counter is loaded with the IE0 or IE1 interrupt vector. The IE0 and IE1 interrupt flags in the TCON register are not affected by events that occur when the 8052 MCU core is shut down during PSM2. See the Power Supply Monitor Interrupt (PSM) section. The RTC, temperature ADC, and I2C/SPI interrupts are latched such that pending interrupts cannot be cleared without entering their respective interrupt service routines. Clearing the RTC midnight flags and alarm flags does not clear a pending RTC interrupt. Similarly, clearing the I2C/SPI status bits in the SPI Interrupt Status Register SFR (SPISTAT, 0xEA) does not cancel a pending I2C/SPI interrupt. These interrupts remain pending until the RTC or I2C/SPI interrupt vectors are enabled. Their respective interrupt service routines are entered shortly thereafter. Figure 75 shows how the interrupts are cleared when the interrupt service routines are entered. Some interrupts with multiple interrupt sources are not automatically cleared; specifically the PSM, ADE, UART, and Timer 2 interrupt vectors. Note that the INT0 and INT1 interrupts are only cleared if the external interrupt is configured to be triggered by a falling edge by setting IT0 in the Timer/Counter 0 and Timer/Counter 1 Control SFR (TCON, 0x88). If INT0 or INT1 is configured to interrupt on a low level, the interrupt service routine is reentered until the respective pin goes high. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |