công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLSVR2200 bảng dữ liệu(PDF) 12 Page - List of Unclassifed Manufacturers

tên linh kiện GLSVR2200
Giải thích chi tiết về linh kiện  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

GLSVR2200 bảng dữ liệu(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button GLSVR2200 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
12
©2003 SPRAGUE-GOODMAN ELECTRONICS, INC., ALL RIGHTS RESERVED.
PRINTED IN U.S.A.
2.50308
Engineering Bulletin SG-890 describes a wide range
of fixed and variable surface mount inductors, coils,
transformers and filters. Parts are wound as air coils,
or on a selection of ferrite cores, and can be used
up to the GHz frequency range.
The SURFCOIL
® models operate over the professional
grade temperature of –40° to +125°C. (Sprague
Goodman’s selection of SURFCOIL SMT chip
inductors, which operate over the temperature
range of –25° to +85°C, are described in Engineering
Bulletin SG-800.)
Our products are used in telecommunications and
electronic engineering as frequency-selective
components consisting of individual or coupled
resonant circuits. Non-tunable tapped coils and coils
with multiple windings are also required for
applications such as DC isolation,voltage and
current transformations and impedance matching
(between amplifier stages, for example).
Fixed inductors are used in all areas of
telecommunications, video and medical electronic
equipment. They are ideal in radio interference
suppression devices, filters, and decoupling of
oscillator and amplifier stages.
If the component you need for your design is not
shown in this bulletin, let us know—the design you
need may already be in our design file, or we will
design a special to your specifications.
Sprague-Goodman Electronics, Inc.
1700 SHAMES DRIVE, WESTBURY, NY 11590
TEL: 516-334-8700 • FAX: 516-334-8771
E-MAIL: info@spraguegoodman.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com