| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C55WD-33PC bảng dữ liệu(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C55WD-33PC bảng dữ liệu(HTML) 21 Page - ATMEL Corporation |
|
21 / 37 page ![]() 21 AT89C55WD 1921B–MICRO–09/02 Program Memory Lock Bits The AT89C55WD has three lock bits that can be left unprogrammed (U) or can be pro- grammed (P) to obtain the additional features listed in the following table. When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched during reset. If the device is powered up without a reset, the latch initializes to a random value and holds that value until reset is activated. The latched value of EA must agree with the current logic level at that pin in order for the device to function properly. Programming the Flash The AT89C55WD is shipped with the on-chip Flash memory array ready to be programmed. The programming interface needs a high-voltage (12-volt) program enable signal and is com- patible with conventional third-party Flash or EPROM programmers. The AT89C55WD code memory array is programmed byte-by-byte. Programming Algorithm: Before programming the AT89C55WD, the address, data, and control signals should be set up according to the Flash programming mode table and Figures 13 and 14. To program the AT89C55WD, take the following steps: 1. Input the desired memory location on the address lines. 2. Input the appropriate data byte on the data lines. 3. Activate the correct combination of control signals. 4. Raise EA/V PP to 12V. 5. Pulse ALE/PROG oncetoprogram a byteinthe Flasharray or thelock bits. Thebyte- write cycle is self-timed and typically takes no more than 50 µs. Repeat steps 1 through 5, changing the address and data for the entire array or until the end of the object file is reached. Chip Erase Sequence: Before the AT89C55WD can be reprogrammed, a Chip Erase opera- tion needs to be performed. To erase the contents of the AT89C55WD, follow this sequence: 1. Raise V CC to 6.5V. 2. Pulse ALE/PROG once (duration of 200 - 500 ns). 3. Wait for 150 ms. 4. Power VCC down and up to 6.5V. 5. Pulse ALE/PROG once (duration of 200 - 500 ns). 6. Wait for 150 ms. 7. Power V CC down and up to 6.5V. Data Polling: The AT89C55WD features Data Polling to indicate the end of a write cycle. Dur- ing a write cycle, an attempted read of the last byte written will result in the complement of the written data on P0.7. Once the write cycle has been completed, true data is valid on all out- Table 9. Lock Bit Protection Modes Program Lock Bits Protection Type LB1 LB2 LB3 1 U U U No program lock features. 2P U U MOVC instructions executed from external program memory are disabled from fetching code bytes from internal memory, EA is sampled and latched on reset, and further programming of the Flash memory is disabled. 3 P P U Same as mode 2, but verify is also disabled. 4 P P P Same as mode 3, but external execution is also disabled. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |