| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C51ID2-RDTIM bảng dữ liệu(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51ID2-RDTIM bảng dữ liệu(HTML) 28 Page - ATMEL Corporation |
|
28 / 159 page ![]() 28 AT89C51ID2 4289A–8051–09/03 INC is a short (2 bytes) and fast (12 clocks) way to manipulate the DPS bit in the AUXR1 SFR. However, note that the INC instruction does not directly force the DPS bit to a par- ticular state, but simply toggles it. In simple routines, such as the block move example, only the fact that DPS is toggled in the proper sequence matters, not its actual value. In other words, the block move routine works the same whether DPS is ’0’ or ’1’ on entry. Observe that without the last instruction (INC AUXR1), the routine will exit with DPS in the opposite state. |