| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C51CC03C-RDTIM bảng dữ liệu(PDF) 57 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM bảng dữ liệu(HTML) 57 Page - ATMEL Corporation |
|
57 / 183 page ![]() 57 AT89C51CC03 4182B–CAN–09/03 Sharing Instructions Table 19. Instructions shared Note: by cl : using Column Latch Table 20. Read MOVX A, @DPTR Table 21. Write MOVX @DPTR,A Action RAM XRAM ERAM EEPROM DATA Boot FLASH FM0 Hardware Byte XROW Read MOV MOVX MOVX MOVC MOVC MOVC MOVC Write MOV MOVX MOVX - by cl by cl by cl EEE bit in EECON Register FPS in FCON Register ENBOOT EA XRAM ERAM EEPROM DATA Flash Column Latch 0 0 X X winner 0 1 X X winner 1 0 X X winner 1 1 X X winner EEE bit in EECON Register FPS bit in FCON Register ENBOOT EA XRAM ERAM EEPROM Data Flash Column Latch 0 0 X X winner 01 X 1winner 0winner 1 0 X X winner 11 X 1winner 0winner |