| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
066331U250JS2 bảng dữ liệu(PDF) 5 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
066331U250JS2 bảng dữ liệu(HTML) 5 Page - Cornell Dubilier Electronics |
|
5 / 6 page ![]() Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum 63 Vdc (80 Vdc Surge) (cont’d) 1800 066X182U063HJ2 0.180 0.067 1.3 2.1 7/8 x 1 5/8 2200 066222U063HS2 0.079 0.031 2.9 4.2 7/8 x 3 1/8 2200 066R222U063HL2 0.120 0.047 2.7 4.1 7/8 x 2 1/8 2700 066R272U063JL2 0.095 0.039 3.2 4.6 1 x 2 1/8 2700 066X272U063HL2 0.120 0.047 1.9 2.9 7/8 x 2 1/8 2700 066272U063JP2 0.074 0.03 2.9 4.0 1 x 2 5/8 3300 066332U063JS2 0.061 0.026 3.4 4.6 1 x 3 1/8 3900 066392U063JT2 0.053 0.024 3.9 5.2 1 x 3 5/8 3900 066R392U063JP2 0.073 0.03 4.1 5.7 1 x 2 5/8 3900 066X392U063JL2 0.095 0.039 2.3 3.2 1 x 2 1/8 4700 066R472U063JS2 0.061 0.026 4.8 6.6 1 x 3 1/8 5600 066R562U063JT2 0.053 0.024 5.5 7.3 1 x 3 5/8 5600 066X562U063JP2 0.073 0.030 2.9 4.0 1 x 2 5/8 6800 066X682U063JS2 0.061 0.026 3.4 4.6 1 x 3 1/8 8200 066X822U063JT2 0.053 0.024 3.9 5.2 1 x 3 5/8 100 Vdc (125 Vdc Surge) 68 066680U100FE2 1.100 0.296 0.4 0.8 5/8 x 1 1/8 120 066121U100GE2 0.710 0.193 0.51 0.97 3/4 x 1 1/8 150 066151U100FJ2 0.550 0.148 0.68 1.3 5/8 x 1 5/8 180 066181U100HE2 0.480 0.141 0.67 1.2 7/8 x 1 1/8 220 066221U100GJ2 0.360 0.096 0.86 1.6 3/4 x 1 5/8 220 066R221U100GE2 0.710 0.193 0.72 1.4 3/4 x 1 1/8 270 066271U100JE2 0.360 0.111 0.82 1.4 1 x 1 1/8 270 066X271U100GE2 0.710 0.193 0.51 0.98 3/4 x 1 1/8 390 066391U100HJ2 0.240 0.07 1.1 2.0 7/8 x 1 5/8 470 066471U100GP2 0.190 0.055 2.2 4.0 3/4 x 2 5/8 470 066R471U100GJ2 0.360 0.096 1.2 2.3 3/4 x 1 5/8 560 066561U100HL2 0.160 0.049 1.6 2.8 7/8 x 2 1/8 560 066X561U100GJ2 0.360 0.096 0.86 1.6 3/4 x 1 5/8 680 066681U100JL2 0.120 0.04 2.0 3.2 1 x 2 1/8 680 066R681U100HJ2 0.240 0.07 1.6 2.9 7/8 x 1 5/8 820 066821U100HS2 0.100 0.033 2.5 4.1 7/8 x 3 1/8 820 066X821U100HJ2 0.240 0.07 1.1 2.0 7/8 x 1 5/8 1000 066102U100JP2 0.095 0.032 2.5 3.9 1 x 2 5/8 1000 066R102U100HL2 0.160 0.049 2.3 4.0 7/8 x 2 1/8 1200 066122U100JS2 0.078 0.027 3.0 4.5 1 x 3 1/8 1200 066X122U100HL2 0.160 0.049 1.6 2.8 7/8 x 2 1/8 1500 066152U100JT2 0.067 0.024 3.4 5.1 1 x 3 5/8 1500 066R152U100JL2 0.120 0.04 2.8 4.5 1 x 2 1/8 1800 066R182U100JP2 0.094 0.031 3.5 5.6 1 x 2 5/8 1800 066X182U100JL2 0.120 0.04 2.0 3.2 1 x 2 1/8 2200 066R222U100JS2 0.078 0.027 4.2 6.4 1 x 3 1/8 2200 066X222U100JP2 0.094 0.031 2.5 3.9 1 x 2 5/8 2700 066R272U1OOJT2 0.067 0.024 4.9 7.2 1 x 3 5/8 3300 066X332U100JS2 0.078 0.027 3.0 4.6 1 x 3 1/8 3900 066X392U100JT2 0.067 0.024 3.4 5.1 1 x 3 5/8 200 Vdc (250 Vdc Surge) 22 066220U200FE2 2.000 0.889 0.3 0.43 5/8 x 1 1/8 33 066330U200GE2 1.300 0.563 0.39 0.54 3/4 x 1 1/8 33 066R330U200GE2 1.300 0.563 0.55 0.76 3/4 x 1 1/8 47 066470U200FJ2 0.990 0.437 0.52 0.72 5/8 x 1 5/8 56 066560U200HE2 0.840 0.378 0.52 0.71 7/8 x 1 l/8 56 066R560U200GJ2 0.640 0.281 0.93 1.30 3/4 x 1 5/8 68 066680U200GJ2 0.640 0.281 0.66 0.91 3/4 x 1 5/8 82 066820U200JE2 0.620 0.281 0.65 0.87 1 x 1 1 1/8 200 Vdc (250 Vdc Surge) (cont’d) 100 066R101U200HJ2 0.420 0.193 1.2 1.7 7/8 x 1 1/8 120 066121U200HJ2 0.420 0.193 0.88 1.2 7/8 x 1 5/8 150 066151U200GP2 0.320 0.141 1.7 2.4 3/4 x 2 5/8 150 066R151U200HL2 0.280 0.126 1.8 2.4 7/8 x 2 1/8 180 066181U200HL2 0.280 0.126 1.3 1.7 7/8 x 2 1/8 220 066221U200JL2 0.210 0.096 1.6 2.1 1 x 2 1/8 220 066R221U200JL2 0.210 0.096 2.2 2.9 1 x 2 1/8 270 066271U200HS2 0.170 0.081 2.0 2.6 7/8 x 3 1/8 270 066R271U200JP2 0.160 0.073 2.8 3.7 1 x 2 5/8 330 066331U200JP2 0.160 0.073 2.0 2.6 1 x 2 5/8 330 066R331U200JS2 0.130 0.061 3.4 4.4 1 x 3 1/8 390 066R391U200JT2 0.110 0.052 3.9 5.1 1 x 3 5/8 390 066391U200JS2 0.130 0.061 2.4 3.1 1 x 3 1/8 470 066471U200JT2 0.110 0.052 2.8 3.6 1 x 3 5/8 250 Vdc (300 Vdc Surge) 22 066220U250FE2 2.200 0.889 0.29 0.42 5/8 x 1 1/8 22 066R220U250GE2 1.400 0.570 0.52 0.75 3/4 x 1 1/8 33 066330U250GE2 1.400 0.570 0.36 0.53 3/4 x 1 1/8 39 066390U250FJ2 1.100 0.444 0.49 0.71 5/8 x 1 5/8 47 066470U250HE2 0.930 0.385 0.49 0.71 7/8 x 1 1/8 47 066R470U250GJ2 0.700 0.289 0.87 1.3 3/4 x 1 5/8 56 066560U250GJ2 0.700 0.289 0.62 0.9 3/4 x 1 5/8 68 066680U250JE2 0.680 0.281 0.61 0.86 1 x 1 1/8 68 066R680U250HJ2 0.470 0.193 1.2 1.7 7/8 x 1 5/8 100 066101U250HJ2 0.470 0.193 0.83 1.2 7/8 x 1 5/8 120 066121U250GP2 0.360 0.148 1.6 2.3 3/4 x 2 5/8 120 066R121U250HL2 0.310 0.133 1.7 2.4 7/8 x 2 1/8 150 066151U250HL2 0.310 0.133 1.2 1.7 7/8 x 2 1/8 150 066R151U250JL2 0.230 0.096 2.1 2.9 1 x 2 1/8 220 066221U250JL2 0.230 0.096 1.5 2.0 1 x 2 1/8 220 066R221U250JP2 0.170 0.074 2.7 3.7 1 x 2 5/8 270 066271U250JP2 0.170 0.074 1.9 2.6 1 x 2 5/8 270 066R271U250JS2 0.140 0.061 3.2 4.4 1 x 3 1/8 330 066331U250JS2 0.140 0.061 2.3 3.1 1 x 3 1/8 330 066R331U250JT2 0.120 0.053 3.7 5.0 1 x 3 5/8 390 066391U250JT2 0.120 0.053 2.6 3.6 1 x 3 5/8 300 Vdc (350 Vdc Surge) 15 066150U300FE2 4.600 2.300 0.21 0.28 5/8 x 1 1/8 22 066220U300GE2 2.900 1.218 0.27 0.36 3/4 x 1 1/8 22 066R220U300GE2 2.900 1.118 0.39 0.51 3/4 x 1 1/8 27 066270U300FJ2 2.300 1.110 0.36 0.48 5/8 x 1 5/8 39 066390U300HE2 1.900 0.963 0.37 0.48 7/8 x 1 1/8 39 066R390U300GJ2 1.500 0.733 0.66 0.86 3/4 x 1 5/8 47 066470U300GJ2 1.500 0.733 0.46 0.61 3/4 x 1 5/8 56 066R560U300HJ2 0.960 0.481 0.88 1.20 7/8 x 1 5/8 68 066680U300HJ2 0.960 0.481 0.62 0.82 7/8 x 1 5/8 100 066101U300GP2 0.740 0.370 1.2 1.60 3/4 x 2 5/8 100 066R101U300HL2 0.640 0.326 1.3 1.70 7/8 x 2 1/8 120 066121U300HL2 0.640 0.326 0.89 1.20 7/8 x 2 1/8 120 066R121U300JL2 0.460 0.237 1.6 2.10 1 x 2 1/8 150 066151U300JL2 0.460 0.237 1.1 1.50 1 x 2 1/8 180 066181U300HS2 0.390 0.200 1.4 1.80 7/8 x 3 1/8 180 066R181U300JP2 0.350 0.178 2.0 2.60 1 x 2 5/8 220 066221U300JP2 0.350 0.178 1.4 1.90 1 x 2 5/8 220 066R221U300JS2 0.280 0.141 2.5 3.20 1 x 3 1/8 Ripple A Nominal Cap. Catalog ESR Max. Ω @ 85 °C Size (in) Part Number 120 Hz 20 kHz 120 Hz 20 kHz D x L Ripple A Nominal Cap. Catalog ESR Max. Ω @ 85 °C Size (in) Part Number 120 Hz 20 kHz 120 Hz 20 kHz D x L ( F) ( F) CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com |