công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89C51IC2-SLSIM bảng dữ liệu(PDF) 21 Page - ATMEL Corporation

tên linh kiện AT89C51IC2-SLSIM
Giải thích chi tiết về linh kiện  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSIM bảng dữ liệu(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSIM Datasheet HTML 17Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 18Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 19Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 20Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 21Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 22Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 23Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 24Page - ATMEL Corporation AT89C51IC2-SLSIM Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
21
AT89C51IC2
4301A–8051–01/04
Enhanced Features
In comparison to the original 80C52, the AT89C51IC2 implements some new features,
which are:
•
The X2 option
•
The Dual Data Pointer
•
The extended RAM
•
The Programmable Counter Array (PCA)
•
The Hardware Watchdog
•
The SPI interface
•
The 2-wire interface
•
The 4 level interrupt priority system
•
The power-off flag
•
The Power On Reset
•
The ONCE mode
•
The ALE disabling
•
Some enhanced features are also located in the UART and the timer 2
X2 Feature and OSCA
Clock Generation
The AT89C51IC2 core needs only 6 clock periods per machine cycle. This feature
called ”X2” provides the following advantages:
•
Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
•
Save power consumption while keeping same CPU power (oscillator power saving).
•
Save power consumption by dividing dynamically the operating frequency by 2 in
operating and idle modes.
•
Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the
XTALA1 signal and the main clock input of the core (phase generator). This divider may
be disabled by software.
Description
The clock for the whole circuit and peripherals is first divided by two before being used
by the CPU core and the peripherals.
This allows any cyclic ratio to be accepted on XTALA1 input. In X2 mode, as this divider
is bypassed, the signals on XTALA1 must have a cyclic ratio between 40 to 60%.
Figure 5. shows the clock generation block diagram.x2 bit is validated on the rising edge
of the XTALA1
÷2 to avoid glitches when switching from X2 to STD mode. Figure 6.
shows the switching mode waveforms.
Figure 5. Clock Generation Diagram
XTALA1
2
CKCON0
X2
8 bit Prescaler
F
OSCA
FXTAL
XTALA1:2
F
CLK CPU
F
CLK PERIPH
CKSEL
CKS
F
OSCB
CKRL
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com