| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV8809PAP bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DRV8809PAP bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 44 page ![]() Serial Interface A-B: Set A-B motor operating parameters and access to setup/extended setup register 16-bit shift register 16-bit latch (A-B drivers) 16-bit latch (setup) 16-bit latch (extended setup) Latch select Protection detect signal selector or Device ID/Vendor ID (ROM) Data Clock Strobe Serial interface C-D: Set C-D motor operating parameters 16-bit shift register 16-bit latch (C-D drivers) DRV8809 DRV8810 www.ti.com ............................................................................................................................................................... SLVS854A – JULY 2008 – REVISED JULY 2008 A. A-B register at EXT-setup mode has device/vendor ID ROM. The ID must be read out at LOGIC OUT pin. Figure 4. Serial Interface A-B Figure 5. Serial Interface C-D Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): DRV8809 DRV8810 |