công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

326152T6R3JS1E bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 326152T6R3JS1E
Giải thích chi tiết về linh kiện  –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

326152T6R3JS1E bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  326152T6R3JS1E Datasheet HTML 1Page - List of Unclassifed Manufacturers 326152T6R3JS1E Datasheet HTML 2Page - List of Unclassifed Manufacturers 326152T6R3JS1E Datasheet HTML 3Page - List of Unclassifed Manufacturers 326152T6R3JS1E Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 325/326,–55 ºC to 125 ºC Long-Life, Switching Power Grade Radial
Ratings
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(A)
Nom Size
Insulated
D X L
(in)
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(A)
Nom Size
Insulated
D X L
(in)
Catalog
Part Number
Catalog
Part Number
Cap.
(µF)
Cap.
(µF)
6.3 Vdc (8 Vdc Surge)
8400
325842U016HL1
22.1
11.0
9.61
13.60
0.89 X 2.15
4400
325442U6R3GE1 65.7
36.2
3.95
5.31
0.77 X 1.15
9600
325962U016GT1
24.8
10.1
10.41
16.28
0.77 X 3.65
5800
325582U6R3HE1 42.8
26.0
5.37
6.89
0.89 X 1.15
11000 325113U016HP1
17.2
8.6
11.87
16.81
0.89 X 2.65
7100
325712U6R3GJ1
41.9
23.5
5.68
7.59
0.77 X 1.65
12000
325123U016JL1
17.2
8.7
11.74
16.51
1.02 X 2.15
7700
325772U6R3JE1
28.5
17.2
7.16
9.22
1.02 X 1.15
14000 325143U016HS1
14.3
7.4
14.05
19.48
0.89 X 3.15
11000 325113U6R3GL1
29.5
16.2
7.56
10.21
0.77 X 2.15
15000 325153U016JP1
13.3
7.3
14.55
19.61
1.02 X 2.65
12000 325123U6R3HJ1
26.5
14.7
7.81
10.51
0.89 X 1.65
17000 325173U016HT1
14.9
6.2
14.59
22.60
0.89 X 3.65
14000 325143U6R3GP1 20.9
13.6
9.85
12.21
0.77 X 2.65
19000 325193U016JS1
11.4
6.3
16.92
22.89
1.02 X 3.15
15000 325153U6R3JJ1
16.2
11.1
10.88
13.13
1.02 X 1.65
23000 325233U016JT1
9.5
5.2
19.82
26.70
1.02 X 3.65
17000 325173U6R3HL1
18.7
11.0
10.46
13.60
0.89 X 2.15
25 Vdc (32 Vdc Surge)
18000 325183U6R3GS1 18.1
11.6
11.42
14.23
0.77 X 3.15
1300
325132U025GE1 109.0
35.0
3.07
5.41
0.77 X 1.15
21000 325213U6R3GT1 16.5
10.6
12.75
15.94
0.77 X 3.65
1800
325182U025HE1
70.8
26.0
4.17
6.89
0.89 X 1.15
23000 325233U6R3HP1 14.3
8.6
13.02
16.81
0.89 X 2.65
2100
325212U025GJ1
55.1
23.5
4.96
7.59
0.77 X 1.65
23000 325233U6R3JL1
14.3
8.7
12.86
16.51
1.02 X 2.15
2500
325252U025JE1
52.5
17.2
5.27
9.22
1.02 X 1.15
29000 325293U6R3HS1 10.5
7.4
16.40
19.48
0.89 X 3.15
3100
325312U025GL1
38.0
16.2
6.66
10.21
0.77 X 2.15
31000 325313U6R3JP1
10.5
7.3
16.40
19.61
1.02 X 2.65
3600
325362U025HJ1
35.0
14.7
6.80
10.51
0.89 X 1.65
35000 325353U6R3HT1 10.1
6.2
17.75
22.70
0.89 X 3.65
4100
325412U025GP1
28.6
13.6
8.42
12.21
0.77 X 2.65
39000 325393U6R3JS1
9.5
6.3
18.55
22.89
1.02 X 3.15
4900
325492U025JJ1
26.6
11.1
8.49
13.13
1.02 X 1.65
46000 325463U6R3JT1
8.3
5.2
21.23
26.70
1.02 X 3.65
5100
325512U025GS1
24.8
11.6
9.76
14.23
0.77 X 3.15
10 Vdc (13 Vdc Surge)
5400
325542U025HL1
24.0
11.0
9.22
13.60
0.89 X 2.15
3300
325332U010GE1
75.5
36.2
3.68
5.31
0.77 X 1.15
6200
325622U025GT1
24.8
10.1
10.41
16.28
0.77 X 3.65
4700
325472U010HE1
42.8
26.0
5.37
6.89
0.89 X 1.15
7200
325722U025HP1
19.1
8.6
11.26
16.81
0.89 X 2.65
5400
325542U010GJ1
42.7
23.5
5.63
7.59
0.77 X 1.65
7400
325742U025JL1
19.1
8.7
11.13
16.51
1.02 X 2.15
6400
325642U010JE1
36.7
17.2
6.30
9.22
1.02 X 1.15
8900
325892U025HS1
15.2
7.4
13.60
19.48
0.89 X 3.15
8000
325802U010GL1
31.4
16.2
7.33
10.21
0.77 X 2.15
9800
325982U025JP1
15.3
7.3
13.60
19.61
1.02 X 2.65
9300
325932U010HJ1
25.7
14.7
7.95
10.51
0.89 X 1.65
11000 325113U025HT1
14.9
6.2
14.59
22.60
0.89 X 3.65
11000 325113U010GP1
20.9
13.6
9.85
12.21
0.77 X 2.65
12000 325123U025JS1
12.4
6.3
16.27
22.89
1.02 X 3.15
13000 325133U010GS1
19
11.6
11.13
14.23
0.77 X 3.15
15000 325153U025JT1
9.5
5.2
19.82
26.7
1.02 X 3.65
13000
325133U010JJ1
22.9
11.1
9.16
13.13
1.02 X 1.65
35 Vdc (44 Vdc Surge)
14000 325143U010HL1
17.3
11.0
10.86
13.60
0.89 X 2.15
880
325881U035GE1 124.0
35.0
2.88
5.41
0.77 X 1.15
16000 325163U010GT1
17
10.4
12.57
16.08
0.77 X 3.65
1100
325112U035HE1
85.6
26.0
3.79
6.89
0.89 X 1.15
19000 325193U010HP1
14.2
8.6
13.04
16.81
0.89 X 2.65
1500
325152U035GJ1
66.6
23.5
4.51
7.59
0.77 X 1.65
19000
325193U010JL1
16.2
8.7
12.10
16.51
1.02 X 2.15
1700
325172U035JE1
63.8
17.2
4.78
9.22
1.02 X 1.15
23000 325233U010HS1
11.4
7.4
15.73
19.48
0.89 X 3.15
2200
325222U035HJ1
42.8
14.7
6.15
10.51
0.89 X 1.65
26000 325263U010JP1
11.4
7.3
15.73
19.61
1.02 X 2.65
2200
325222U035GL1
45.7
16.2
6.08
10.21
0.77 X 2.15
28000 325283U010HT1
10.1
6.2
17.75
22.70
0.89 X 3.6
3000
325302U035GP1
35.2
13.6
7.59
12.21
0.77 X 2.65
32000 325323U010JS1
10.5
6.3
17.69
22.89
1.02 X 3.15
3300
325332U035HL1
29.7
11.0
8.28
13.60
0.89 X 2.15
38000 325383U010JT1
8.7
5.2
20.67
26.70
1.02 X 3.65
3400
325342U035JJ1
32.4
11.1
7.70
13.13
1.02 X 1.65
16 Vdc (20 Vdc Surge)
3700
325372U035GS1
28.6
11.6
9.09
14.23
0.77 X 3.15
2000
325202U016GE1
92.6
35.0
3.33
5.41
0.77 X 1.15
4300
325432U035GT1
24.8
10.1
10.41
16.28
0.77 X 3.65
2800
325282U016HE1
63.8
26.0
4.40
6.89
0.89 X 1.15
4400
325442U035HP1
22.9
8.6
10.28
16.81
0.89 X 2.65
3200
325322U016GJ1
50.4
23.5
5.18
7.59
0.77 X 1.65
5100
325512U035JL1
21.9
8.7
10.39
16.51
1.02 X 2.15
3800
325382U016JE1
48.6
17.2
5.48
9.22
1.02 X 1.15
5500
325552U035HS1
18.1
7.4
12.47
19.48
0.89 X 3.15
4800
325482U016GL1
35.3
16.2
6.92
10.21
0.77 X 2.15
6300
325632U035HT1
14.9
6.2
14.59
22.60
0.89 X 3.65
5600
325562U016HJ1
32.2
14.7
7.09
10.51
0.89 X 1.65
6800
325682U035JP1
17.1
7.3
12.83
19.61
1.02 X 2.65
6400
325642U016GP1
26.6
13.6
8.73
12.21
0.77 X 2.65
8500
325852U035JS1
14.3
6.3
15.15
22.89
1.02 X 3.15
7700
325772U016JJ1
24.8
11.1
8.79
13.13
1.02 X 1.65
10000 325103U035JT1
12.4
5.2
17.37
26.70
1.02 X 3.65
8000
325802U016GS1
22.8
11.6
10.17
14.23
0.77 X 3.15



Html Pages

1 2 3 4