4 / 5 page

CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 381EL 105 ºC Ultra-Long Life Snap-In, Aluminum
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω) (Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω) (Ω)
Ripple Amps
@ 105 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
DF Max
120Hz
Cap.
(µF)
Catalog
Part Number
DF Max
120Hz
2200 381EL222M180A052
0.14
0.094
0.067
2.9
4.06
35 x 50
680
381EL681M250A032
0.1
0.22
0.12
1.70
2.38
35 x 35
200 Vdc (250 Vdc Surge)
820
381EL821M250K052
0.1
0.18
0.10
2.00
2.80
30 x 50
220
381EL221M200H012
0.12
0.80
0.36
1.00
1.40
22 x 25
820
381EL821M250A042
0.1
0.18
0.10
2.00
2.80
35 x 40
270
381EL271M200H022
0.12
0.66
0.30
1.10
1.54
22 x 30
1000
381EL102M250A452
0.12
0.18
0.10
2.20
3.08
35 x 45
270
381EL271M200J012
0.12
0.66
0.30
1.10
1.54
25 x 25
1200
381EL122M250A052
0.12
0.15
0.09
2.30
3.22
35 x 50
330
381EL331M200H022
0.12
0.54
0.24
1.20
1.68
22 x 30
315 Vdc (365 Vdc Surge)
330
381EL331M200J012
0.12
0.54
0.24
1.20
1.68
25 x 25
82
381EL820M315H012
0.1
1.80
0.90
0.64
0.90
22 x 25
390
381EL391M200H032
0.12
0.45
0.20
1.30
1.82
22 x 35
100
381EL101M315H022
0.1
1.47
0.74
0.69
0.97
22 x 30
390
381EL391M200J022
0.12
0.45
0.20
1.30
1.82
25 x 30
120
381EL121M315H022
0.1
1.23
0.61
0.75
1.05
22 x 30
390
381EL391M200K012
0.12
0.45
0.20
1.30
1.82
30 x 25
120
381EL121M315J012
0.1
1.23
0.61
0.75
1.05
25 x 25
470
381EL471M200H042
0.12
0.38
0.17
1.40
1.96
22 x 40
150
381EL151M315H032
0.1
0.98
0.49
0.82
1.15
22 x 35
470
381EL471M200J032
0.12
0.38
0.17
1.40
1.96
25 x 35
150
381EL151M315J022
0.1
0.98
0.49
0.82
1.15
25 x 30
470
381EL471M200K022
0.12
0.38
0.17
1.40
1.96
30 x 30
150
381EL151M315K012
0.1
0.98
0.49
0.82
1.15
30 x 25
560
381EL561M200H452
0.12
0.32
0.14
1.50
2.10
22 x 45
180
381EL181M315H042
0.1
0.82
0.41
0.90
1.26
22 x 40
560
381EL561M200J032
0.12
0.32
0.14
1.50
2.10
25 x 35
180
381EL181M315J032
0.1
0.82
0.41
0.90
1.26
25 x 35
560
381EL561M200K022
0.12
0.32
0.14
1.50
2.10
30 x 30
180
381EL181M315K012
0.1
0.82
0.41
0.90
1.26
30 x 25
680
381EL681M200J042
0.12
0.26
0.12
1.70
2.38
25 x 40
220
381EL221M315H452
0.11
0.74
0.37
1.00
1.40
22 x 45
680
381EL681M200K032
0.12
0.26
0.12
1.70
2.38
30 x 35
220
381EL221M315J042
0.11
0.74
0.37
1.00
1.40
25 x 40
820
381EL821M200J052
0.12
0.22
0.10
2.00
2.80
25 x 50
220
381EL221M315K022
0.11
0.74
0.37
1.00
1.40
30 x 30
820
381EL821M200K042
0.12
0.22
0.10
2.00
2.80
30 x 40
270
381EL271M315J452
0.11
0.60
0.30
1.10
1.54
25 x 45
820
381EL821M200A022
0.12
0.22
0.10
2.00
2.80
35 x 30
270
381EL271M315K032
0.11
0.60
0.30
1.10
1.54
30 x 35
1000 381EL102M200K452
0.12
0.18
0.09
2.20
3.08
30 x 45
270
381EL271M315A022
0.11
0.60
0.30
1.10
1.54
35 x 30
1000 381EL102M200A032
0.12
0.18
0.09
2.20
3.08
35 x 35
330
381EL331M315J052
0.11
0.49
0.25
1.20
1.68
25 x 50
1200 381EL122M200K052
0.13
0.16
0.08
2.30
3.22
30 x 50
330
381EL331M315K042
0.11
0.49
0.25
1.20
1.68
30 x 40
1200 381EL122M200A042
0.13
0.16
0.08
2.30
3.22
35 x 40
330
381EL331M315A022
0.11
0.49
0.25
1.20
1.68
35 x 30
1500 381EL152M200A052
0.13
0.13
0.06
2.50
3.50
35 x 50
390
381EL391M315K452
0.12
0.45
0.23
1.30
1.82
30 x 45
250 Vdc (300 Vdc Surge)
390
381EL391M315A032
0.12
0.45
0.23
1.30
1.82
35 x 35
180
381EL181M250H022
0.1
0.82
0.41
0.90
1.26
22 x 30
470
381EL471M315K052
0.12
0.38
0.19
1.40
1.96
30 x 50
180
381EL181M250J012
0.1
0.82
0.41
0.90
1.26
25 x 25
470
381EL471M315A042
0.12
0.38
0.19
1.40
1.96
35 x 40
220
381EL221M250H022
0.1
0.67
0.34
1.00
1.40
22 x 30
560
381EL561M315A452
0.12
0.32
0.16
1.50
2.10
35 x 45
220
381EL221M250J012
0.1
0.67
0.34
1.00
1.40
25 x 25
680
381EL681M315A052
0.12
0.26
0.14
1.70
2.38
35 x 50
270
381EL271M250H032
0.1
0.55
0.27
1.10
1.54
22 x 35
350 Vdc (400 Vdc Surge)
270
381EL271M250J022
0.1
0.55
0.27
1.10
1.54
25 x 30
82
381EL820M350H012
0.1
1.80
0.90
0.64
0.90
22 x 25
270
381EL271M250K012
0.1
0.55
0.27
1.10
1.54
30 x 25
100
381EL101M350H022
0.1
1.47
0.74
0.69
0.97
22 x 30
330
381EL331M250H042
0.1
0.45
0.22
1.20
1.68
22 x 40
100
381EL101M350J012
0.1
1.47
0.74
0.69
0.97
25 x 25
330
381EL331M250J032
0.1
0.45
0.22
1.20
1.68
25 x 35
120
381EL121M350H032
0.1
1.23
0.61
0.75
1.05
22 x 35
330
381EL331M250K012
0.1
0.45
0.22
1.20
1.68
30 x 25
120
381EL121M350J022
0.1
1.23
0.61
0.75
1.05
25 x 30
390
381EL391M250H452
0.1
0.38
0.19
1.30
1.82
22 x 45
150
381EL151M350H042
0.1
0.98
0.49
0.82
1.15
22 x 40
390
381EL391M250J032
0.1
0.38
0.19
1.30
1.82
25 x 35
150
381EL151M350J022
0.1
0.98
0.49
0.82
1.15
25 x 30
390
381EL391M250K022
0.1
0.38
0.19
1.30
1.82
30 x 30
150
381EL151M350K012
0.1
0.98
0.49
0.82
1.15
30 x 25
470
381EL471M250J452
0.1
0.31
0.16
1.40
1.96
25 x 45
180
381EL181M350H452
0.1
0.82
0.41
0.90
1.26
22 x 45
470
381EL471M250K032
0.1
0.31
0.16
1.40
1.96
30 x 35
180
381EL181M350J032
0.1
0.82
0.41
0.90
1.26
25 x 35
470
381EL471M250A022
0.1
0.31
0.16
1.40
1.96
35 x 30
180
381EL181M350K022
0.1
0.82
0.41
0.90
1.26
30 x 30
560
381EL561M250J052
0.1
0.26
0.13
1.50
2.10
25 x 50
220
381EL221M350H052
0.11
0.74
0.37
1.00
1.40
22 x 50
560
381EL561M250K032
0.1
0.26
0.13
1.50
2.10
30 x 35
220
381EL221M350J042
0.11
0.74
0.37
1.00
1.40
25 x 40
560
381EL561M250A022
0.1
0.26
0.13
1.50
2.10
35 x 30
220
381EL221M350K022
0.11
0.74
0.37
1.00
1.40
30 x 30