công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NSPW545CS bảng dữ liệu(PDF) 7 Page - NICHIA CORPORATION

tên linh kiện NSPW545CS
Giải thích chi tiết về linh kiện  SPECIFICATIONS FOR NICHIA WHITE LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHIA [NICHIA CORPORATION]
Trang chủ  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW545CS bảng dữ liệu(HTML) 7 Page - NICHIA CORPORATION

Back Button NSPW545CS Datasheet HTML 3Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 4Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 5Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 9Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 10Page - NICHIA CORPORATION NSPW545CS Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
-6-
Nichia STSE-CW6061A
<Cat.No.060620>
(7) Safety Guideline for Human Eyes
· In 1993, the International Electric Committee (IEC) issued a standard concerning laser product safety
(IEC 825-1). Since then, this standard has been applied for diffused light sources (LEDs) as well
as lasers.
In 1998 IEC 60825-1 Edition 1.1 evaluated the magnitude of the light source.
In 2001 IEC 60825-1 Amendment 2 converted the laser class into 7 classes for end products.
Components are excluded from this system. Products which contain visible LEDs are now classified
as class 1. Products containing UV LEDs are class 1M. Products containing LEDs can be classified
as class 2 in cases where viewing angles are narrow, optical manipulation intensifies the light, and/or the
energy emitted is high. For these systems it is recommended to avoid long term exposure.
It is also recommended to follow the IEC regulations regarding safety and labeling of products.
(8) Others
· NSPW545CS complies with RoHS Directive.
· Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating
when using the LEDs with matrix drive.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use.
Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15