| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T435-600W bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T435-600W bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() T4 Series 5/10 Figure 7: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms and corresponding value of I2t Figure 8: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values) Figure 9: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values) Figure 10: Relative variation of critical rate of decrease of main current versus junction temperature Figure 11: DPAK thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 µm) 0.01 0.10 1.00 10.00 1 10 100 500 I (A), I t (A s) TSM 22 t (ms) p T initial=25°C j ITSM dI/dt limitation: 50A/µs I t 2 -40 -20 0 20 40 60 80 100 120 140 0.0 0.5 1.0 1.5 2.0 2.5 T (°C) j I,I ,I [T ] / GT H L j I ,I ,I [T =25°C] GT H L j IGT IH & IL 0.1 1.0 10.0 100.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 (dV/dt)c (V/µs) (dI/dt)c [(dV/dt)c] / Specified (dI/dt)c T405 T435 T410 0 25 50 75 100 125 0 1 2 3 4 5 6 (dI/dt)c [T ] / pecified] j (dI/dt)c [T s j T (°C) j 0 4 8 1216202428323640 0 10 20 30 40 50 60 70 80 90 100 S(cm²) R (°C/W) th(j-a) |