| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T405-700H bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T405-700H bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 10 page ![]() T4 Series 4/10 Figure 1: Maximum power dissipation versus RMS on-state current (full cycle) Figure 2: RMS on-state current versus case temperature (full cycle) Figure 3: RMS on-state current versus ambient temperature (printed circuit board FR4, copper thickness: 35µm) (full cycle) Figure 4: Relative variation of thermal impedance versus pulse duration Figure 5: On-state characteristics (maximum values) Figure 6: Surge peak on-state current versus number of cycles 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 1 2 3 4 5 6 P(W) I (A) T(RMS) 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 I (A) T(RMS) T (°C) C TO-220AB / DPAK / IPAK ISOWATT220AB 0 25 50 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 I (A) T(RMS) T (°C) C DPAK (S=0.5CM ) 2 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 1E-2 1E-1 1E+0 K=[Z /R th th] t (s) p Rth(j-c) Rth(j-a) TO-220AB / DPAK / IPAK DPAK / IPAK ISOWATT220AB TO-220AB / ISOWATT220AB 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.1 1.0 10.0 30.0 I (A) TM V (V) TM T max. V = 0.90V R = 120 m j to d Ω T= j T max. j T = 25°C j . 1 10 100 1000 0 5 10 15 20 25 30 35 I (A) TSM Number of cycles t=20ms One cycle Non repetitive T initial=25°C j Repetitive T =110°C C |