| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTG3535CFB bảng dữ liệu(PDF) 4 Page - Humirel |
|
|
|||||||||||||||||||||||||||||
HTG3535CFB bảng dữ liệu(HTML) 4 Page - Humirel |
|
4 / 10 page ![]() ________________________________________________________________________________________ Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007 4 Humidity Sensor ! Reference Output Values (Vcc = 5V) In Pulsed Mode (5%) Reference Output Values (Vcc = 5V) In Continuous Mode "# $ " $ "# $ " $ 10 1325 55 2570 15 1480 60 2695 20 1630 65 2820 25 1775 70 2950 30 1915 75 3080 35 2050 80 3215 40 2180 85 3350 45 2310 90 3490 50 2440 95 3620 "# $ " $ "# $ " $ 10 1310 55 2480 15 1455 60 2600 20 1595 65 2715 25 1735 70 2840 30 1865 75 2960 35 1995 80 3085 40 2120 85 3215 45 2240 90 3345 50 2360 95 3465 POLYNOMIAL EQUATIONS POLYNOMIAL EQUATIONS Vout = 8.44E-4 RH3 - 0.1486 RH2 + 34.16 RH + 999 Vout = 8,24E-4 RH3 - 0.1467 RH2 + 32.5 RH + 998 RH = -1.57E-9 Vout3 + 1.25E-5 Vout2 + 5.88E-3 Vout - 16.1 RH = -1.96E-9 Vout3 + 1.52E-5 Vout2 + 2.72E-3 Vout - 15.1 with Vout in mV and RH in % with Vout in mV and RH in % LINEAR EQUATIONS LINEAR EQUATIONS Vout = 26.55 RH + 1100 Vout = 24.94 RH + 1101 RH = 0.0376 Vout - 41.40 RH = 0.0401 Vout - 44.1 with Vout in mV and RH in % with Vout in mV and RH in % ! Reference Output Values (Vcc = 3.3V) In any power mode "# $ " $ "# $ " $ 10 845 55 1695 15 945 60 1785 20 1040 65 1875 25 1140 70 1965 30 1235 75 2055 35 1330 80 2140 40 1420 85 2225 45 1515 90 2315 50 1605 95 2400 POLYNOMIAL EQUATIONS Vout = 8,83E-5 RH3 - 2,95E-2 RH2 + 20.5 RH + 643 RH = -5.57E-10 Vout3 + 5.3E-6 Vout2 + 4.23E-2 Vout - 29.1 with Vout in mV and RH in % LINEAR EQUATIONS Vout = 18.24 RH + 683 RH = 0,0549 Vout - 37.4 with Vout in mV and RH in % |