công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

56F827 bảng dữ liệu(PDF) 54 Page - Freescale Semiconductor, Inc

tên linh kiện 56F827
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 bảng dữ liệu(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 56Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 57Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
56F827 Technical Data, Rev. 12
54
Freescale Semiconductor
Figure 4-2 128-pin LQFP Mechanical Information
Please see www.freescale.com for the most current case outline.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE H IS LOCATED AT BOTTOM OF LEAD
AND IS COINCIDENT WITH THE LEAD WHERE THE
LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF
THE PARTING LINE.
4. DATUMS A, B, AND D TO BE DETERMINED AT DATUM
PLANE H.
5. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 PER
SIDE. DIMENSIONS D1 AND E1 DO INCLUDE MOLD
MISMATCH AND ARE DETERMINED AT DATUM
PLANE H.
7. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL NOT
CAUSE THE b DIMENSION TO EXCEED 0.35.
DIM
MILLIMETERS
MIN
MAX
A
---
1.60
A1
0.05
0.15
A2
1.35
1.45
b0.17
0.27
b1
0.17
0.23
c0.09
0.20
c1
0.09
0.16
D
22.00 BSC
D1
20.00BSC
e
0.50 BSC
E
16.00 BSC
E1
14.00 BSC
L0.45
0.75
L1
1.00 REF
L2
0.50 REF
S
0.20
---
R1
0.08
---
R2
0.08
0.20
0
0o
7o
01
0o
---
02
11o
13o
Case Outline - 1129-01
128
103
38
102
65
64
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com