| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NFSA072T bảng dữ liệu(PDF) 6 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NFSA072T bảng dữ liệu(HTML) 6 Page - NICHIA CORPORATION |
|
6 / 14 page ![]() -5- Nichia STSE-CC7038A <Cat.No.070416> (4) Designing the position of LED on a board. · No twist / warp / bent / or other stress shall be applied to the board after mounting LED with solder to avoid a crack of LED package. Refer to the following recommended position and direction of LED. 【No good】 【Recommended Direction】 Appropriate LED mounting is to place perpendicularly against the stress affected side. · Depending on the position and direction of LED, the mechanical stress on the LED package can be changed. Refer to the following figure. Perforated line Slit Stress : A > B = C > D > E · Do not split board by hand. Split with exclusive special tool. · If an aluminum circuit board is used, a large stress by thermal shock might cause a solder crack. For this reason, it is recommended an appropriate verification should be taken before use. E A C D B Cathode mark Cathode mark |