| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS462CD/CDT bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS462CD/CDT bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() TS461-TS462-TS464 Electrical Characteristics 3/12 2 Electrical Characteristics Table 3: VCC = 2.5V, VDD = -2.5V, Tamb = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit Vio Input Offset Voltage Tmin. ≤ Tamb ≤ Tmax. 15 7 mV ∆Vio Input Offset Voltage Drift Vicm = 0V, Vo = 0V 5 µV/°C Iio Input Offset Current Vicm = 0V, Vo = 0V Tmin. ≤ Tamb ≤ Tmax. 10 150 200 nA Iib Input Bias Current Vicm = 0V, Vo = 0V Tmin. ≤ Tamb ≤ Tmax. 200 200 750 1000 nA Vicm Common Mode Input Voltage Range -1.35 1.35 V CMR Common Mode Rejection Ratio Vicm = ±1.35V 60 85 dB SVR Supply Voltage Rejection Ratio Vcc = ±2V to ±3V 60 70 dB Avd Large Signal Voltage Gain RL = 2kΩ 70 80 dB VOH High Level Output Voltage RL = 2k Ω 22.4 V VOL Low Level Output Voltage RL = 2kΩ -2.4 -2 V ICC Supply Current, per amplifier Unity gain - no load 2 2.8 mA GBP Gain Bandwidth Product f = 100kHz RL = 2kΩ, CL = 100pF 8.5 12 MHz SR Slew Rate AV = 1, Vin = ±1V 2.8 4 V/ µs en Equivalent Input Noise Voltage f = 100kHz 4 THD Total Harmonic Distortion f = 1kHz, AV = -1 RL = 10kΩ 0.003 % nV Hz ------------ |