| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TA0313 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TA0313 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 9 page ![]() 7/9 STMicroelectronics Solutions for ADSL Line Interfaces TA0313 As Vo° equals Vo without loading, the gain in this case becomes: The gain for the loaded system will be: Equation 1 As shown in Figure 9, this system is an ideal generator, with a synthesized impedance equal to the internal impedance of the system. Therefore, the output voltage becomes: Equation 2 with Ro the synthesized impedance and Iout the output current. On the other hand Vo can be expressed as: Equation 3 By identifying of both Equation 2 and Equation 3, the synthesized impedance is, with Rs1=Rs2=Rs: Equation 4 Unlike the level of Vo° required for passive impedance, Vo° will be smaller than 2Vo in this case. Let us write Vo°=kVo with k the matching factor varying between 1 and 2. Assuming that the current through R3 is negligible, the resistance divider becomes: After choosing the k factor, Rs will equal to 1/2RL(k-1). Figure 9: Equivalent schematic, where Ro is the synthesized impedance G Vo nol oa d () Vi --------------------------------- 1 2R2 R1 ----------- R2 R3 -------- ++ 1 R2 R3 -------- – ------------------------------------ == GL Vo w ithl oad () Vi -------------------------------------- 1 2 --- 1 2 R2 R 1 ----------- R2 R3 -------- ++ 1 R2 R3 -------- – ------------------------------------ == Vo ViG () Ro Io ut () – = Vo Vi 1 2R2 R1 ----------- R 2 R 3 -------- ++ 1 R2 R3 -------- – ------------------------------------------------ Rs1Io ut 1 R 2 R 3 -------- – ----------------------- – = Ro Vi.Gi Iout 1/2 RL Ro Rs 1 R2 R3 ------- – ----------------- = Ro kVoR L RL 2Rs1 + ----------------------------- = |