công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CR08AS bảng dữ liệu(PDF) 2 Page - Mitsubishi Electric Semiconductor

tên linh kiện CR08AS
Giải thích chi tiết về linh kiện  LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR08AS bảng dữ liệu(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CR08AS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR08AS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR08AS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR08AS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR08AS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CR08AS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR08AS
LOW POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
V2. Soldering with ceramic plate (25mm
× 25mm × t0.7).
V3. If special values of IGT are required, choose at least two items from those listed in the table below. (Example: AB, BC)
The above values do not include the current flowing through the 1k
Ω resistance between the gate and cathode.
B
20 ~ 50
Item
IGT (
µA)
A
1 ~ 30
C
40 ~ 100
ELECTRICAL CHARACTERISTICS
Test conditions
Tj=125
°C, VRRM applied, RGK=1kΩ
Tj=125
°C, VDRM applied, RGK=1kΩ
Ta=25
°C, ITM=2.5A, instantaneous value
Ta=25
°C, VD=6V, IT=0.1A V4
Tj=125
°C, VD=1/2VDRM, RGK=1kΩ
Tj=25
°C, VD=6V, IT=0.1A V4
Tj=25
°C, VD=12V, RGK=1kΩ
Junction to ambient
V2
Unit
mA
mA
V
V
V
µA
mA
°C/W
Typ.
—
—
—
—
—
—
1.5
—
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
IH
Rth (j-a)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Holding current
Thermal resistance
Limits
Min.
—
—
—
—
0.2
1
—
—
Max.
0.5
0.5
1.5
0.8
—
100
V3
3
65
3V
DC
IGS
IGT
6V
DC
60
Ω
VGT
2
1
TUT
1k
Ω
RGK
A3
A2
V1
A1
SWITCH 1 : IGT measurement
SWITCH 2 : VGT measurement
(Inner resistance of voltage meter is about 1k
Ω)
V4. IGT, VGT measurement circuit.
SWITCH
100
23
5 7 101
4
2
23
5 7 102
44
6
8
10
3
1
5
7
9
0
5
01
4
23
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
Ta = 25°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
PERFORMANCE CURVES



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com