công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD179 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện BD179
Giải thích chi tiết về linh kiện  NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD179 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

  BD179_07 Datasheet HTML 1Page - STMicroelectronics BD179_07 Datasheet HTML 2Page - STMicroelectronics BD179_07 Datasheet HTML 3Page - STMicroelectronics BD179_07 Datasheet HTML 4Page - STMicroelectronics BD179_07 Datasheet HTML 5Page - STMicroelectronics BD179_07 Datasheet HTML 6Page - STMicroelectronics BD179_07 Datasheet HTML 7Page - STMicroelectronics BD179_07 Datasheet HTML 8Page - STMicroelectronics BD179_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
BD179
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9