| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2STN2540 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STN2540 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() January 2008 Rev 3 1/9 9 Table 1. Device summary Order code Marking Package Packaging 2STN2540 N2540 SOT-223 Tape and reel 2STN2540 Low voltage fast-switching PNP power bipolar transistor Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Surface mounting device in medium power SOT-223 package Applications ■ Emergency lighting ■ LED ■ CCFL drivers (back lighting) ■ Voltage regulation ■ Relay driver Description The device is a PNP transistor manufactured using new “PB-HCD” (Power Bipolar High Current Density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. Figure 1. Internal schematic diagram 1 2 4 3 SOT-223 www.st.com |
Số phần tương tự - 2STN2540 |
|
Mô tả tương tự - 2STN2540 |