công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

380LQ331M450K032 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 380LQ331M450K032
Giải thích chi tiết về linh kiện  85 ?C Compact, High-Capacitance Snap-in
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

380LQ331M450K032 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  380LQ331M450K032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LQ331M450K032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LQ331M450K032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LQ331M450K032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LQ331M450K032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LQ331M450K032 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 380LQ 85 ºC Compact, High-Capacitance Snap-in
Cap.
(µF)
Catalog
Part Number
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω) (Ω)
Ripple Amps
@ 85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω) (Ω)
Ripple Amps
@ 85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
27000
380LQ273M050A052
0.018 0.015
8.96
10.30 35 x 50
100 Vdc (125 Vdc Surge)
63 Vdc (79 Vdc Surge)
1000
380LQ102M100H012
0.332 0.216
1.96
2.25
22 x 25
2200
380LQ222M063H012
0.188 0.141
2.52
2.90
22 x 25
1200
380LQ122M100J012
0.276 0.180
2.31
2.66
25 x 25
3300
380LQ332M063H022
0.126 0.094
4.10
4.72
22 x 30
1500
380LQ152M100H022
0.221 0.144
2.57
2.96
22 x 30
3300
380LQ332M063J012
0.126 0.094
4.10
4.72
25 x 25
1800
380LQ182M100H032
0.184 0.120
2.84
3.27
22 x 35
3900
380LQ392M063H032
0.106 0.080
4.44
5.11
22 x 35
1800
380LQ182M100J022
0.184 0.120
2.84
3.27
25 x 30
3900
380LQ392M063J022
0.106 0.080
4.44
5.11
25 x 30
2200
380LQ222M100H452
0.151 0.098
3.14
3.61
22 x 45
4700
380LQ472M063H042
0.088 0.066
4.86
5.59
22 x 40
2200
380LQ222M100J032
0.151 0.098
3.14
3.61
25 x 35
5600
380LQ562M063H452
0.074 0.056
5.36
6.16
22 x 45
2200
380LQ222M100K012
0.151 0.098
3.14
3.61
30 x 25
5600
380LQ562M063J042
0.074 0.056
5.36
6.16
25 x 40
2700
380LQ272M100H052
0.123 0.080
3.71
4.27
22 x 50
6800
380LQ682M063J452
0.061 0.046
5.84
6.72
25 x 45
2700
380LQ272M100J042
0.123 0.080
3.71
4.27
25 x 40
6800
380LQ682M063K022
0.061 0.046
5.84
6.72
30 x 30
2700
380LQ272M100K022
0.123 0.080
3.71
4.27
30 x 30
6800
380LQ682M063A012
0.061 0.046
5.84
6.72
35 x 25
2700
380LQ272M100A012
0.123 0.080
3.71
4.27
35 x 25
8200
380LQ822M063J052
0.051 0.038
6.00
6.90
25 x 50
3300
380LQ332M100J452
0.100 0.065
4.06
4.67
25 x 45
8200
380LQ822M063K032
0.051 0.038
6.00
6.90
30 x 35
3300
380LQ332M100K032
0.100 0.065
4.06
4.67
30 x 35
8200
380LQ822M063A022
0.051 0.038
6.00
6.90
35 x 30
3900
380LQ392M100J052
0.085 0.055
4.54
5.22
25 x 50
10000
380LQ103M063K042
0.041 0.031
6.52
7.50
30 x 40
3900
380LQ392M100K042
0.085 0.055
4.54
5.22
30 x 40
10000
380LQ103M063A032
0.041 0.031
6.52
7.50
35 x 35
3900
380LQ392M100A022
0.085 0.055
4.54
5.22
35 x 30
12000
380LQ123M063K452
0.035 0.026
7.15
8.22
30 x 45
4700
380LQ472M100K452
0.071 0.046
5.13
5.90
30 x 45
12000
380LQ123M063A042
0.035 0.026
7.15
8.22
35 x 40
4700
380LQ472M100A032
0.071 0.046
5.13
5.90
35 x 35
15000
380LQ153M063A452
0.028 0.021
7.91
9.10
35 x 45
5600
380LQ562M100K052
0.059 0.041
5.75
6.61
30 x 50
18000
380LQ183M063A052
0.023 0.018
8.55
9.83
35 x 50
5600
380LQ562M100A042
0.059 0.038
5.75
6.61
35 x 40
18000
380LQ183M063A052
0.023 0.018
8.55
9.83
35 x 50
6800
380LQ682M100A452
0.049 0.034
6.60
7.59
35 x 45
80 Vdc (100 Vdc Surge)
8200
380LQ822M100A052
0.040 0.030
7.29
8.38
35 x 50
1500
380LQ152M080H012
0.221 0.166
2.26
2.60
22 x 25
160 Vdc (200 Vdc Surge)
1800
380LQ182M080H022
0.184 0.138
2.52
2.90
22 x 30
560
380LQ561M160H012
0.355 0.160
2.25
3.15
22 x 25
2200
380LQ222M080H032
0.151 0.113
2.73
3.14
22 x 35
680
380LQ681M160H022
0.293 0.132
2.50
3.50
22 x 30
2200
380LQ222M080J012
0.151 0.113
2.73
3.14
25 x 25
820
380LQ821M160H032
0.243 0.109
2.75
3.85
22 x 35
2700
380LQ272M080H042
0.123 0.092
2.78
3.20
22 x 40
1000
380LQ102M160H042
0.199 0.090
3.00
4.20
22 x 40
2700
380LQ272M080J022
0.123 0.092
2.78
3.20
25 x 30
1000
380LQ102M160J022
0.199 0.090
3.00
4.20
25 x 30
3300
380LQ332M080H452
0.100 0.075
3.21
3.69
22 x 45
1200
380LQ122M160H452
0.166 0.075
3.25
4.55
22 x 45
3300
380LQ332M080J032
0.100 0.075
3.21
3.69
25 x 35
1200
380LQ122M160J032
0.166 0.075
3.25
4.55
25 x 35
3300
380LQ332M080K012
0.100 0.075
3.21
3.69
30 x 25
1200
380LQ122M160K012
0.166 0.075
3.25
4.55
30 x 25
3900
380LQ392M080H052
0.085 0.064
3.59
4.13
22 x 50
1500
380LQ152M160H052
0.133 0.060
3.73
5.22
22 x 50
3900
380LQ392M080J042
0.085 0.064
3.59
4.13
25 x 40
1500
380LQ152M160J042
0.133 0.060
3.73
5.22
25 x 40
3900
380LQ392M080A012
0.085 0.064
3.59
4.13
35 x 25
1500
380LQ152M160K022
0.133 0.060
3.73
5.22
30 x 30
4700
380LQ472M080H452
0.071 0.053
4.09
4.70
25 x 45
1500
380LQ152M160A012
0.133 0.060
3.73
5.22
35 x 25
4700
380LQ472M080K022
0.071 0.053
4.09
4.70
30 x 30
1800
380LQ182M160J452
0.111 0.050
4.20
5.88
25 x 45
5600
380LQ562M080J052
0.059 0.044
4.55
5.23
25 x 50
1800
380LQ182M160K032
0.120 0.054
4.20
5.88
30 x 35
5600
380LQ562M080K032
0.059 0.044
4.55
5.23
30 x 35
1800
380LQ182M160A022
0.111 0.050
4.20
5.88
35 x 30
5600
380LQ562M080A022
0.059 0.044
4.55
5.23
35 x 30
2200
380LQ222M160K042
0.090 0.041
4.78
6.69
30 x 40
6800
380LQ682M080K452
0.049 0.037
5.16
5.93
30 x 45
2200
380LQ222M160A032
0.098 0.049
4.78
6.69
35 x 35
6800
380LQ682M080A032
0.049 0.037
5.16
5.93
35 x 35
2700
380LQ272M160K452
0.074 0.033
5.45
7.63
30 x 45
8200
380LQ822M080K052
0.040 0.030
5.83
6.70
30 x 50
2700
380LQ272M160A042
0.080 0.040
5.45
7.63
35 x 40
8200
380LQ822M080A042
0.040 0.030
5.83
6.70
35 x 40
3300
380LQ332M160A452
0.070 0.035
5.75
8.05
35 x 45



Html Pages

1 2 3 4 5 6