công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2STC4467 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện 2STC4467
Giải thích chi tiết về linh kiện  High power NPN epitaxial planar bipolar transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC4467 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  2STC4467 Datasheet HTML 1Page - STMicroelectronics 2STC4467 Datasheet HTML 2Page - STMicroelectronics 2STC4467 Datasheet HTML 3Page - STMicroelectronics 2STC4467 Datasheet HTML 4Page - STMicroelectronics 2STC4467 Datasheet HTML 5Page - STMicroelectronics 2STC4467 Datasheet HTML 6Page - STMicroelectronics 2STC4467 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
2STC4467
4/7
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7