công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

380LQ331M350J032 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện 380LQ331M350J032
Giải thích chi tiết về linh kiện  85 ?C Compact, High-Capacitance Snap-in
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

380LQ331M350J032 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  380LQ331M350J032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LQ331M350J032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LQ331M350J032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LQ331M350J032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LQ331M350J032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LQ331M350J032 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 380LQ 85 ºC Compact, High-Capacitance Snap-in
ESR Max
Ripple Amps
Nominal
ESR Max
Ripple Amps
Nominal
@ 25º C
@ 85 ºC
Size
@ 25º C
@ 85 ºC
Size
Cap.
Catalog
120 Hz
20 kHz 120 Hz 20 kHz
D x L
Cap.
Catalog
120 Hz 20 kHz
120 Hz 20 kHz D x L
(µF)
Part Number
(Ω)
(Ω)
(A)
(A)
(mm)
(µF)
Part Number
(Ω)
(Ω)
(A)
(A)
(mm)
1000 380LQ102M180K012
0.199
0.090
3.00
4.20
30 x 25
560 380LQ561M250J022 0.355
0.160
2.25
3.15
25 x 30
1200 380LQ122M180H052
0.166
0.075
3.31
4.63
22 x 50
560 380LQ561M250K012 0.355
0.160
2.25
3.15
30 x 25
1200 380LQ122M180J042
0.166
0.075
3.31
4.63
25 x 40
680 380LQ681M250H452 0.293
0.132
2.50
3.50
22 x 45
1200 380LQ122M180K022
0.166
0.075
3.31
4.63
30 x 30
680 380LQ681M250J032 0.293
0.132
2.50
3.50
25 x 35
1200 380LQ122M180A012
0.166
0.075
3.31
4.63
35 x 25
680 380LQ681M250K012 0.293
0.132
2.30
3.20
30 x 25
1500 380LQ152M180J452
0.133
0.060
3.83
5.36
25 x 45
680 380LQ681M250K022 0.293
0.132
2.50
3.50
30 x 30
1500 380LQ152M180K032
0.133
0.060
3.83
5.36
30 x 35
820 380LQ821M250H052 0.243
0.109
2.77
3.88
22 x 50
1500 380LQ152M180A022
0.133
0.060
3.83
5.36
35 x 30
820 380LQ821M250J042 0.243
0.109
2.77
3.88
25 x 40
1800 380LQ182M180J052
0.120
0.054
4.32
6.05
25 x 50
820 380LQ821M250K022 0.243
0.109
2.77
3.88
30 x 30
1800 380LQ182M180K042
0.120
0.054
4.32
6.05
30 x 40
820 380LQ821M250A012 0.243
0.121
2.77
3.88
35 x 25
1800 380LQ182M180A022
0.120
0.054
4.32
6.05
35 x 30
1000 380LQ102M250J452 0.199
0.090
3.32
4.65
25 x 45
2200 380LQ222M180K452
0.098
0.049
4.92
6.89
30 x 45
1000 380LQ102M250K032 0.199
0.090
3.32
4.65
30 x 35
2200 380LQ222M180A042
0.098
0.049
4.92
6.89
35 x 40
1000 380LQ102M250A022 0.199
0.090
3.32
4.65
35 x 30
2700 380LQ272M180K052
0.086
0.043
5.52
7.73
30 x 50
1200 380LQ122M250K042 0.166
0.075
3.53
4.94
30 x 40
2700 380LQ272M180A452
0.086
0.043
5.52
7.73
35 x 45
1200 380LQ122M250A032 0.166
0.083
3.53
4.94
35 x 35
3300 380LQ332M180A052
0.080
0.040
5.75
8.05
35 x 50
1500 380LQ152M250K052 0.133
0.066
4.04
5.66
30 x 50
200 Vdc (250 Vdc Surge)
1500 380LQ152M250A042 0.133
0.066
4.04
5.66
35 x 40
390 380LQ391M200H012
0.510
0.230
1.68
2.35
22 x 25
1800 380LQ182M250A452 0.111
0.055
4.55
6.37
35 x 45
470 380LQ471M200H022
0.423
0.190
1.85
2.59
22 x 30
2200 380LQ222M250A052 0.105
0.052
5.00
7.00
35 x 50
560 380LQ561M200H022
0.355
0.160
2.43
3.40
22 x 30
315 Vdc (385 Vdc Surge)
560 380LQ561M200J012
0.355
0.160
2.43
3.40
25 x 25
180 380LQ181M315H012 1.105
0.553
1.21
1.69
22 x 25
680 380LQ681M200H032
0.293
0.132
2.68
3.75
22 x 35
220 380LQ221M315H022 0.904
0.452
1.41
1.97
22 x 30
680 380LQ681M200J022
0.293
0.132
2.68
3.75
25 x 30
270 380LQ271M315H022 0.737
0.368
1.60
2.24
22 x 30
820 380LQ821M200H042
0.243
0.109
2.93
4.10
22 x 40
330 380LQ331M315H042 0.603
0.301
1.82
2.55
22 x 40
820 380LQ821M200J022
0.243
0.109
2.93
4.10
25 x 30
330 380LQ331M315J022 0.603
0.301
1.82
2.55
25 x 30
820 380LQ821M200K012
0.243
0.109
2.93
4.10
30 x 25
330 380LQ331M315K012 0.603
0.301
1.82
2.55
30 x 25
1000 380LQ102M200H452
0.199
0.090
3.25
4.55
22 x 45
390 380LQ391M315H452 0.510
0.255
2.01
2.81
22 x 45
1000 380LQ102M200J032
0.199
0.090
3.25
4.55
25 x 35
390 380LQ391M315J032 0.510
0.255
2.01
2.81
25 x 35
1000 380LQ102M200K022
0.199
0.090
3.25
4.55
30 x 30
390 390LQ391M315K022 0.510
0.255
2.01
2.81
30 x 30
1000 380LQ102M200A012
0.232
0.116
3.25
4.55
35 x 25
470 380LQ471M315H052 0.423
0.212
2.27
3.18
22 x 50
1200 380LQ122M200H052
0.166
0.075
3.50
4.90
22 x 50
470 380LQ471M315J042 0.423
0.212
2.27
3.18
25 x 40
1200 380LQ122M200J042
0.166
0.075
3.50
4.90
25 x 40
470 380LQ471M315K022 0.423
0.212
2.27
3.18
30 x 30
1200 380LQ122M200K022
0.166
0.075
3.50
4.90
30 x 30
470 380LQ471M315A012 0.423
0.233
2.27
3.18
35 x 25
1500 380LQ152M200J052
0.133
0.060
3.87
5.42
25 x 50
560 380LQ561M315J452 0.355
0.178
2.56
3.58
25 x 45
1500 380LQ152M200K032
0.144
0.065
3.87
5.42
30 x 35
560 380LQ561M315K032 0.355
0.178
2.56
3.58
30 x 35
1500 380LQ152M200A022
0.144
0.065
3.87
5.42
35 x 30
560 380LQ561M315A022 0.355
0.195
2.56
3.58
35 x 30
1800 380LQ182M200K452
0.160
0.080
4.32
6.05
30 x 45
680
380LQ681M35K042 0.293
0.148
2.87
4.02
30 x 40
1800 380LQ182M200A032
0.120
0.060
4.32
6.05
35 x 35
680 380LQ681M315A032 0.293
0.146
2.87
4.55
35 x 35
2200 380LQ222M200K052
0.098
0.049
4.92
6.89
30 x 50
820 380LQ821M315K452 0.243
0.121
3.25
4.55
30 x 45
2200 380LQ222M200A042
0.105
0.053
4.92
6.89
35 x 40
820 380LQ821M315A042 0.243
0.121
3.25
4.55
35 x 40
2700 380LQ272M200A052
0.086
0.043
5.45
7.63
35 x 50
1000 380LQ102M315K052 0.199
0.090
3.63
5.08
30 x 50
250 Vdc (300 Vdc Surge)
1000 380LQ102M315A452 0.199
0.109
3.63
5.08
35 x 45
270 380LQ271M250H012
0.737
0.332
1.31
1.83
22 x 25
350 Vdc (400 Vdc Surge)
330 380LQ331M250H022
0.603
0.271
1.75
2.45
22 x 30
150 380LQ151M350H012 1.328
0.663
1.12
1.57
22 x 25
390 380LQ391M250H022
0.510
0.230
1.91
2.67
22 x 30
180 380LQ181M350H022 1.105
0.553
1.22
1.71
22 x 30
390 380LQ391M250J012
0.510
0.230
1.91
2.67
25 x 25
220 380LQ221M350H032 0.904
0.452
1.44
2.02
22 x 35
470 380LQ471M250H032
0.423
0.190
2.11
2.95
22 x 35
270 380LQ271M350H042 0.737
0.368
1.66
2.32
22 x 40
470 380LQ471M250J022
0.423
0.190
2.11
2.95
25 x 30
270 380LQ271M350J022 0.737
0.368
1.66
2.32
25 x 30
560 380LQ561M250H042
0.355
0.160
2.25
3.15
22 x 40
330 380LQ331M350H452 0.603
0.301
1.88
2.63
22 x 45
330 380LQ331M350J032 0.603
0.301
1.88
2.63
25 x 35



Html Pages

1 2 3 4 5 6