| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST722511R7T3 bảng dữ liệu(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST722511R7T3 bảng dữ liệu(HTML) 161 Page - STMicroelectronics |
|
161 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 161/164 14.3 DEVELOPMENT TOOLS STMicroelectronics offers a range of hardware and software development tools for the ST7 micro- controller family. Full details of tools available for the ST7 from third party manufacturers can be ob- tain from the STMicroelectronics Internet site ª http//st7.st.com. Third Party Tools s ACTUM s BP s COSMIC s CMX s DATA I/O s HITEX s HIWARE s ISYSTEM s KANDA s LEAP Tools from these manufacturers include C compli- ers, emulators and gang programmers. STMicroelectronics Tools Four types of development tool are offered by ST, all of which connect to a PC via a parallel (LPT) port: Note: 1. In Situ Programming (ISP) interface for FLASH devices. Table 28. STMicroelectronics Development Tools In-Circuit Emulation Programming Capability1) Software Inclu ded ST7 Development Kit Yes. (Same features as HDS2 emulator but no trace/ logic analyzer) Yes (DIP packages only) ST7 CD ROM with: – ST7 Assembly toolchain – WGDB7 powerful Source Level Debugger for Win 3.1, Win 95 and NT) – C compiler demo versions – ST Realizer for Win 3.1 and Win 95. – Windows Programming Tools for Win 3.1, Win 95 and NT ST7 HDS2 Emulator Yes, powerful emulation fea- tures including trace/ logic an- alyzer No ST7 Programming Board No Yes (All packages) Supported Products Development Kit HDS2 Emulator Programming Board ST72311R6, ST72311R7, ST72311R9 ST72511R6, ST72511R7, ST72511R9 ST72512R4 ST72532R4 ST7MDT2-DVP2 ST7MDT2-EMU2B ST7MDT2-EPB2/EU ST7MDT2-EPB2/US ST7MDT2-EPB2/UK |