| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST722511R7T3 bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST722511R7T3 bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 62/164 16-BIT TIMER (Cont’d) Figure 35. Timer Block Diagram MCU-PERIPHERAL INTERFACE COUNTER ALTERNATE OUTPUT COMPARE REGISTER OUTPUT COMPARE EDGE DETECT OVERFLOW DETECT CIRCUIT 1/2 1/4 1/8 8-bit buffer ST7 INTERNAL BUS LATCH1 OCMP1 ICAP1 EXTCLK fCPU TIMER INTERRUPT ICF2 ICF1 0 0 0 OCF2 OCF1 TOF PWM OC1E EXEDG IEDG2 CC0 CC1 OC2E OPM FOLV2 ICIE OLVL1 IEDG1 OLVL2 FOLV1 OCIE TOIE ICAP2 LATCH2 OCMP2 8 8 8 low 16 8high 16 16 16 16 (Control Register 1) CR1 (Control Register 2) CR2 (Status Register) SR 6 16 88 8 8 88 EXEDG TIMER INTERNAL BUS CIRCUIT1 EDGE DETECT CIRCUIT2 CIRCUIT 1 OUTPUT COMPARE REGISTER 2 INPUT CAPTURE REGISTER 1 INPUT CAPTURE REGIST ER 2 CC[1:0] COUNTER pin pin pin pin pin REGISTER REGISTER Note: If IC, OC and TO interrupt requests have separate vectors then the last OR is not present (See device Interrupt Vector Table) (See note) |