| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST722511R7T7 bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST722511R7T7 bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 82/164 SERIAL PERIPHERAL INTERFACE (Cont’d) 10.5.4.2 Slave Configuration In slave configuration, the serial clock is received on the SCK pin from the master device. The value of the SPR0 & SPR1 bits is not used for the data transfer. Procedure – For correct data transfer, the slave device must be in the same timing mode as the mas- ter device (CPOL and CPHA bits). See Figure 49. – The SS pin must be connected to a low level signal during the complete byte transmit se- quence. – Clear the MSTR bit and set the SPE bit to as- sign the pins to alternate function. In this configuration the MOSI pin is a data input and the MISO pin is a data output. Transmit Sequence The data byte is parallel loaded into the 8-bit shift register (from the internal bus) during a write cycle and then shifted out serially to the MISO pin most significant bit first. The transmit sequence begins when the slave de- vice receives the clock signal and the most signifi- cant bit of the data on its MOSI pin. When data transfer is complete: – The SPIF bit is set by hardware – An interrupt is generated if SPIE bit is set and I bit in CCR register is cleared. During the last clock cycle the SPIF bit is set, a copy of the data byte received in the shift register is moved to a buffer. When the DR register is read, the SPI peripheral returns this buffered value. Clearing the SPIF bit is performed by the following software sequence: 1. An access to the SR register while the SPIF bit is set. 2. A write or a read of the DR register. Notes: While the SPIF bit is set, all writes to the DR register are inhibited until the SR register is read. The SPIF bit can be cleared during a second transmission; however, it must be cleared before the second SPIF bit in order to prevent an overrun condition (see Section 10.5.4.6). Depending on the CPHA bit, the SS pin has to be set to write to the DR register between each data byte transfer to avoid a write collision (see Section 10.5.4.4). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |