công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

101C114U063DF2D bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 101C114U063DF2D
Giải thích chi tiết về linh kiện  Low-ESR, Wide-Temperature Grade
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

101C114U063DF2D bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  101C114U063DF2D Datasheet HTML 1Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 2Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 3Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 4Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 5Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 6Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 7Page - List of Unclassifed Manufacturers 101C114U063DF2D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Ratings
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
7.5 Vdc (10 Vdc Surge)
74000
101C743U010AB2B
14.6
14.2
1 3/8 x 3 1/8
28000
101C283U7R5AK2B
38.2
6.1
1 3/8 x 1 5/8
89000
101C893U010AJ2B
12.5
16.4
1 3/8 x 3 5/8
47000
101C473U7R5AA2B
25.0
8.7
1 3/8 x 2 1/8
99000
101C993U010EH2B
16.6
14.6
1 3/4 x 2 5/8
66000
101C663U7R5AH2B
19.0
11.4
1 3/8 x 2 5/8
110000
101C114U010BH2B
12.1
18.6
2 x 2 5/8
79000
101C793U7R5BA2B
18.3
14.0
2 x 2 1/8
110000
101C114U010AC2B
11.3
18.1
1 3/8 x 4 1/8
84000
101C843U7R5EA2B
22.6
11.6
1 3/4 x 2 1/8
120000
101C124U010AD2B
10.3
19.7
1 3/8 x 4 5/8
84000
101C843U7R5AB2B
15.4
13.8
1 3/8 x 3 1/8
130000
101C134U010EB2B
13.2
17.4
1 3/4 x 3 1/8
100000
101C104U7R5AJ2B
13.2
15.9
1 3/8 x 3 5/8
140000
101C144U010AE2B
9.4
21.4
1 3/8 x 5 1/8
120000
101C124U7R5EH2B
16.5
14.7
1 3/4 x 2 5/8
150000
101C154U010BB2B
8.1
24.2
2 x 3 1/8
120000
101C124U7R5BH2B
12.4
18.3
2 x 2 5/8
160000
101C164U010EJ2B
11.1
20.0
1 3/4 x 3 5/8
120000
101C124U7R5AC2B
12.1
17.4
1 3/8 x 4 1/8
160000
101C164U010AF2B
8.7
23.1
1 3/8 x 5 5/8
140000
101C144U7R5AD2B
10.8
19.2
1 3/8 x 4 5/8
180000
101C184U010CH2B
9.2
24.5
2 1/2 x 2 5/8
160000
101C164U7R5EB2B
13.2
17.5
1 3/4 x 3 1/8
180000
101C184U010BJ2B
7.4
26.5
2 x 3 5/8
160000
101C164U7R5AE2B
9.9
20.9
1 3/8 x 5 1/8
190000
101C194U010EC2B
8.2
24.4
1 3/4 x 4 1/8
170000
101C174U7R5BB2B
8.5
23.6
2 x 3 1/8
220000
101C224U010ED2B
8.7
24.7
1 3/4 x 4 5/8
180000
101C184U7R5AF2B
9.1
22.6
1 3/8 x 5 5/8
230000
101C234U010BC2B
5.7
31.7
2 x 4 1/8
200000
101C204U7R5EJ2B
11.1
20.1
1 3/4 x 3 5/8
240000
101C244U010CB2B
7.0
29.7
2 1/2 x 3 1/8
210000
101C214U7R5CH2B
9.4
24.2
2 1/2 x 2 5/8
250000
101C254U010EE2B
8.0
26.7
1 3/4 x 5 1/8
220000
101C224U7R5EC2B
8.2
24.4
1 3/4 x 4 1/8
260000
101C264U010BD2B
5.5
33.5
2 x 4 5/8
220000
101C224U7R5BJ2B
7.6
26.2
2 x 3 5/8
280000
101C284U010EF2B
7.4
28.7
1 3/4 x 5 5/8
260000
101C264U7R5BC2B
6.0
31.0
2 x 4 1/8
300000
101C304U010CJ2D
5.7
34.6
2 1/2 x 3 5/8
270000
101C274U7R5ED2B
8.7
24.7
1 3/4 x 4 5/8
300000
101C304U010BE2B
5.0
36.5
2 x 5 1/8
280000
101C284U7R5CB2B
7.2
29.4
2 1/2 x 3 1/8
340000
101C344U010BF2B
4.7
38.9
2 x 5 5/8
300000
101C304U7R5BD2B
5.7
32.9
2 x 4 5/8
360000
101C364U010DB2D
7.0
33.4
3 x 3 1/8
310000
101C314U7R5EE2B
7.9
26.8
1 3/4 x 5 1/8
370000
101C374U010CC2D
4.0
43.0
2 1/2 x 4 1/8
350000
101C354U7R5EF2B
7.4
28.8
1 3/4 x 5 5/8
430000
101C434U010CD2D
4.3
43.5
2 1/2 x 4 5/8
350000
101C354U7R5BE2B
5.2
35.9
2 x 5 1/8
450000
101C454U010DJ2D
5.7
38.8
3 x 3 5/8
360000
101C364U7R5CJ2D
5.9
34.2
2 1/2 x 3 5/8
500000
101C504U010CE2D
3.8
47.5
2 1/2 x 5 1/8
390000
101C394U7R5DB2D
7.1
33.1
3 x 3 1/8
550000
101C554U010DC2D
4.5
45.5
3 x 4 1/8
390000
101C394U7R5BF2B
4.9
38.2
2 x 5 5/8
560000
101C564U010CF2D
3.3
53.0
2 1/2 x 5 5/8
430000
101C434U7R5CC2D
4.2
42.4
2 1/2 x 4 1/8
640000
101C644U010DD2D
4.0
50.4
3 x 4 5/8
490000
101C494U7R5DJ2D
5.8
38.5
3 x 3 5/8
740000
101C744U010DE2D
3.7
54.0
3 x 5 1/8
490000
101C494U7R5CD2D
4.4
42.8
2 1/2 x 4 5/8
840000
101C844U010DF2D
3.3
58.2
3 x 5 5/8
570000
101C574U7R5CE2D
4.0
46.7
2 1/2 x 5 1/8
880000
101C884U010DP2D
3.3
59.2
3 x 5 7/8
610000
101C614U7R5DC2D
4.6
45.2
3 x 4 1/8
1200000
101C125U010DN2D
2.8
70.7
3 x 7 5/8
640000
101C644U7R5CF2D
3.4
52.1
2 1/2 x 5 5/8
1400000
101C145U010DG2D
2.5
76.9
3 x 8 5/8
700000
101C704U7R5DD2D
4.0
50.0
3 x 4 5/8
16 Vdc (25 Vdc Surge)
810000
101C814U7R5DE2D
3.7
53.6
3 x 5 1/8
16000
101C163U016AK2B
39.2
6.0
1 3/8 x 1 5/8
910000
101C914U7R5DF2D
3.4
57.8
3 x 5 5/8
27000
101C273U016AA2B
26.0
8.5
1 3/8 x 2 1/8
960000
101C964U7R5DP2D
3.4
58.8
3 x 5 7/8
38000
101C383U016AH2B
20.0
11.1
1 3/8 x 2 5/8
1300000
101C135U7R5DN2D
2.8
70.2
3 x 7 5/8
45000
101C453U016BA2B
19.1
13.7
2 x 2 1/8
1500000 101C155U7R5DG2D
2.5
76.4
3 x 8 5/8
46000
101C463U016EA2B
24.3
11.2
1 3/4 x 2 1/8
10 Vdc (15 Vdc Surge)
49000
101C493U016AB2B
15.9
13.6
1 3/8 x 3 1/8
25000
101C253U010AK2B
36.0
6.2
1 3/8 x 1 5/8
59000
101C593U016AJ2B
13.5
15.7
1 3/8 x 3 5/8
41000
101C413U010AA2B
23.9
8.9
1 3/8 x 2 1/8
66000
101C663U016EH2B
17.7
14.2
1 3/4 x 2 5/8
58000
101C583U010AH2B
18.1
11.7
1 3/8 x 2 5/8
71000
101C713U016BH2B
13.0
18.0
2 x 2 5/8
68000
101C683U010BA2B
17.8
14.2
2 x 2 1/8
73000
101C733U016AC2B
12.2
17.4
1 3/8 x 4 1/8
69000
101C693U010EA2B
22.8
11.6
1 3/4 x 2 1/8
82000
101C823U016AD2B
11.1
19.0
1 3/8 x 4 5/8



Html Pages

1 2 3 4 5 6 7 8