công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

066X682U063JS2 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện 066X682U063JS2
Giải thích chi tiết về linh kiện  Standard, Axial Leaded, Aluminum
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

066X682U063JS2 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  066X682U063JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 066X682U063JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 066X682U063JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 066X682U063JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 066X682U063JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 066X682U063JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
63 Vdc (80 Vdc Surge) (cont’d)
1800
066X182U063HJ2
0.180
0.067
1.3
2.1
7/8 x 1 5/8
2200
066222U063HS2
0.079
0.031
2.9
4.2
7/8 x 3 1/8
2200
066R222U063HL2
0.120
0.047
2.7
4.1
7/8 x 2 1/8
2700
066R272U063JL2
0.095
0.039
3.2
4.6
1 x 2 1/8
2700
066X272U063HL2
0.120
0.047
1.9
2.9
7/8 x 2 1/8
2700
066272U063JP2
0.074
0.03
2.9
4.0
1 x 2 5/8
3300
066332U063JS2
0.061
0.026
3.4
4.6
1 x 3 1/8
3900
066392U063JT2
0.053
0.024
3.9
5.2
1 x 3 5/8
3900
066R392U063JP2
0.073
0.03
4.1
5.7
1 x 2 5/8
3900
066X392U063JL2
0.095
0.039
2.3
3.2
1 x 2 1/8
4700
066R472U063JS2
0.061
0.026
4.8
6.6
1 x 3 1/8
5600
066R562U063JT2
0.053
0.024
5.5
7.3
1 x 3 5/8
5600
066X562U063JP2
0.073
0.030
2.9
4.0
1 x 2 5/8
6800
066X682U063JS2
0.061
0.026
3.4
4.6
1 x 3 1/8
8200
066X822U063JT2
0.053
0.024
3.9
5.2
1 x 3 5/8
100 Vdc (125 Vdc Surge)
68
066680U100FE2
1.100
0.296
0.4
0.8
5/8 x 1 1/8
120
066121U100GE2
0.710
0.193
0.51
0.97
3/4 x 1 1/8
150
066151U100FJ2
0.550
0.148
0.68
1.3
5/8 x 1 5/8
180
066181U100HE2
0.480
0.141
0.67
1.2
7/8 x 1 1/8
220
066221U100GJ2
0.360
0.096
0.86
1.6
3/4 x 1 5/8
220
066R221U100GE2
0.710
0.193
0.72
1.4
3/4 x 1 1/8
270
066271U100JE2
0.360
0.111
0.82
1.4
1 x 1 1/8
270
066X271U100GE2
0.710
0.193
0.51
0.98
3/4 x 1 1/8
390
066391U100HJ2
0.240
0.07
1.1
2.0
7/8 x 1 5/8
470
066471U100GP2
0.190
0.055
2.2
4.0
3/4 x 2 5/8
470
066R471U100GJ2
0.360
0.096
1.2
2.3
3/4 x 1 5/8
560
066561U100HL2
0.160
0.049
1.6
2.8
7/8 x 2 1/8
560
066X561U100GJ2
0.360
0.096
0.86
1.6
3/4 x 1 5/8
680
066681U100JL2
0.120
0.04
2.0
3.2
1 x 2 1/8
680
066R681U100HJ2
0.240
0.07
1.6
2.9
7/8 x 1 5/8
820
066821U100HS2
0.100
0.033
2.5
4.1
7/8 x 3 1/8
820
066X821U100HJ2
0.240
0.07
1.1
2.0
7/8 x 1 5/8
1000
066102U100JP2
0.095
0.032
2.5
3.9
1 x 2 5/8
1000
066R102U100HL2
0.160
0.049
2.3
4.0
7/8 x 2 1/8
1200
066122U100JS2
0.078
0.027
3.0
4.5
1 x 3 1/8
1200
066X122U100HL2
0.160
0.049
1.6
2.8
7/8 x 2 1/8
1500
066152U100JT2
0.067
0.024
3.4
5.1
1 x 3 5/8
1500
066R152U100JL2
0.120
0.04
2.8
4.5
1 x 2 1/8
1800
066R182U100JP2
0.094
0.031
3.5
5.6
1 x 2 5/8
1800
066X182U100JL2
0.120
0.04
2.0
3.2
1 x 2 1/8
2200
066R222U100JS2
0.078
0.027
4.2
6.4
1 x 3 1/8
2200
066X222U100JP2
0.094
0.031
2.5
3.9
1 x 2 5/8
2700
066R272U1OOJT2
0.067
0.024
4.9
7.2
1 x 3 5/8
3300
066X332U100JS2
0.078
0.027
3.0
4.6
1 x 3 1/8
3900
066X392U100JT2
0.067
0.024
3.4
5.1
1 x 3 5/8
200 Vdc (250 Vdc Surge)
22
066220U200FE2
2.000
0.889
0.3
0.43
5/8 x 1 1/8
33
066330U200GE2
1.300
0.563
0.39
0.54
3/4 x 1 1/8
33
066R330U200GE2
1.300
0.563
0.55
0.76
3/4 x 1 1/8
47
066470U200FJ2
0.990
0.437
0.52
0.72
5/8 x 1 5/8
56
066560U200HE2
0.840
0.378
0.52
0.71
7/8 x 1 l/8
56
066R560U200GJ2
0.640
0.281
0.93
1.30
3/4 x 1 5/8
68
066680U200GJ2
0.640
0.281
0.66
0.91
3/4 x 1 5/8
82
066820U200JE2
0.620
0.281
0.65
0.87
1 x 1 1 1/8
200 Vdc (250 Vdc Surge) (cont’d)
100
066R101U200HJ2
0.420
0.193
1.2
1.7
7/8 x 1 1/8
120
066121U200HJ2
0.420
0.193
0.88
1.2
7/8 x 1 5/8
150
066151U200GP2
0.320
0.141
1.7
2.4
3/4 x 2 5/8
150
066R151U200HL2
0.280
0.126
1.8
2.4
7/8 x 2 1/8
180
066181U200HL2
0.280
0.126
1.3
1.7
7/8 x 2 1/8
220
066221U200JL2
0.210
0.096
1.6
2.1
1 x 2 1/8
220
066R221U200JL2
0.210
0.096
2.2
2.9
1 x 2 1/8
270
066271U200HS2
0.170
0.081
2.0
2.6
7/8 x 3 1/8
270
066R271U200JP2
0.160
0.073
2.8
3.7
1 x 2 5/8
330
066331U200JP2
0.160
0.073
2.0
2.6
1 x 2 5/8
330
066R331U200JS2
0.130
0.061
3.4
4.4
1 x 3 1/8
390
066R391U200JT2
0.110
0.052
3.9
5.1
1 x 3 5/8
390
066391U200JS2
0.130
0.061
2.4
3.1
1 x 3 1/8
470
066471U200JT2
0.110
0.052
2.8
3.6
1 x 3 5/8
250 Vdc (300 Vdc Surge)
22
066220U250FE2
2.200
0.889
0.29
0.42
5/8 x 1 1/8
22
066R220U250GE2
1.400
0.570
0.52
0.75
3/4 x 1 1/8
33
066330U250GE2
1.400
0.570
0.36
0.53
3/4 x 1 1/8
39
066390U250FJ2
1.100
0.444
0.49
0.71
5/8 x 1 5/8
47
066470U250HE2
0.930
0.385
0.49
0.71
7/8 x 1 1/8
47
066R470U250GJ2
0.700
0.289
0.87
1.3
3/4 x 1 5/8
56
066560U250GJ2
0.700
0.289
0.62
0.9
3/4 x 1 5/8
68
066680U250JE2
0.680
0.281
0.61
0.86
1 x 1 1/8
68
066R680U250HJ2
0.470
0.193
1.2
1.7
7/8 x 1 5/8
100
066101U250HJ2
0.470
0.193
0.83
1.2
7/8 x 1 5/8
120
066121U250GP2
0.360
0.148
1.6
2.3
3/4 x 2 5/8
120
066R121U250HL2
0.310
0.133
1.7
2.4
7/8 x 2 1/8
150
066151U250HL2
0.310
0.133
1.2
1.7
7/8 x 2 1/8
150
066R151U250JL2
0.230
0.096
2.1
2.9
1 x 2 1/8
220
066221U250JL2
0.230
0.096
1.5
2.0
1 x 2 1/8
220
066R221U250JP2
0.170
0.074
2.7
3.7
1 x 2 5/8
270
066271U250JP2
0.170
0.074
1.9
2.6
1 x 2 5/8
270
066R271U250JS2
0.140
0.061
3.2
4.4
1 x 3 1/8
330
066331U250JS2
0.140
0.061
2.3
3.1
1 x 3 1/8
330
066R331U250JT2
0.120
0.053
3.7
5.0
1 x 3 5/8
390
066391U250JT2
0.120
0.053
2.6
3.6
1 x 3 5/8
300 Vdc (350 Vdc Surge)
15
066150U300FE2
4.600
2.300
0.21
0.28
5/8 x 1 1/8
22
066220U300GE2
2.900
1.218
0.27
0.36
3/4 x 1 1/8
22
066R220U300GE2
2.900
1.118
0.39
0.51
3/4 x 1 1/8
27
066270U300FJ2
2.300
1.110
0.36
0.48
5/8 x 1 5/8
39
066390U300HE2
1.900
0.963
0.37
0.48
7/8 x 1 1/8
39
066R390U300GJ2
1.500
0.733
0.66
0.86
3/4 x 1 5/8
47
066470U300GJ2
1.500
0.733
0.46
0.61
3/4 x 1 5/8
56
066R560U300HJ2
0.960
0.481
0.88
1.20
7/8 x 1 5/8
68
066680U300HJ2
0.960
0.481
0.62
0.82
7/8 x 1 5/8
100
066101U300GP2
0.740
0.370
1.2
1.60
3/4 x 2 5/8
100
066R101U300HL2
0.640
0.326
1.3
1.70
7/8 x 2 1/8
120
066121U300HL2
0.640
0.326
0.89
1.20
7/8 x 2 1/8
120
066R121U300JL2
0.460
0.237
1.6
2.10
1 x 2 1/8
150
066151U300JL2
0.460
0.237
1.1
1.50
1 x 2 1/8
180
066181U300HS2
0.390
0.200
1.4
1.80
7/8 x 3 1/8
180
066R181U300JP2
0.350
0.178
2.0
2.60
1 x 2 5/8
220
066221U300JP2
0.350
0.178
1.4
1.90
1 x 2 5/8
220
066R221U300JS2
0.280
0.141
2.5
3.20
1 x 3 1/8
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
( F)
( F)
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com



Html Pages

1 2 3 4 5 6