công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

301183U016JS2 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 301183U016JS2
Giải thích chi tiết về linh kiện  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

301183U016JS2 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  301183U016JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301183U016JS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Highlights
•
4000 hour load life
•
Ripple Current to 16 amps
•
ESRs to 6 m
Ω
•
> 90% capacitance at –40 °C
•
Replaces multiple capacitors
Specifications
Operating Temperature:
–55 °C to +105 °C
Rated Voltage:
6.3 to 250 Vdc
Capacitance:
8.2 µF to 33,000 µF
Capacitance Tolerance:
6.3 to 100 Vdc; –10 + 75%, 160 to 250 Vdc; –10 +50%
Leakage Current:
≤0.5 √CV µA, 4 mA max, 5 minutes
Cold Impedance:
–55 °C multiple of 25 °C Z ≤4 for 6.3 & 7.5 V,
3 for 10 to 50 V, 2 for > 50 V
Ambient Temperature
Ripple Current Multipliers:
45ºC
55ºC 65ºC
75ºC
85ºC
95ºC
105ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Frequency
The Types 300 and 301 are the wide-temperature, low-ESR capaci-
tors for power-supply outputs and UPS battery stiffening. The ex-
ceptionally low ESRs enable high ripple-current capability. With
series inductance of 12 to 16 n Hand ripple currents to 16 amps one
of these capacitors can save by replacing three or four of the 12.5
mm diameter capacitors routinely at the output of switching power
supplies. Type 300 has three leads for rugged, reverse-proof mount-
ing, and Type 301 has two leads. Types 300R and 301R deliver even
lower ESR and higher ripple.
High Capacitance and
Ultra-Low ESR
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
Less than .77” Diameter
6.3 & 7.5 V
0.76
0.81
1.00
1.23
1.35
1.41
1.43
10 to 40 V
0.74
0.79
1.00
1.29
1.46
1.55
1.57
50V
0.72
0.78
1.00
1.33
1.54
1.67
1.69
63 & 75 V
0.71
0.76
1.00
1.38
1.64
1.82
1.86
100 to 250 V
0.68
0.74
1.00
1.51
2.00
2.51
2.67
.77” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.15
1.21
1.24
1.25
10 to 40 V
0.78
0.83
1.00
1.20
1.30
1.35
1.36
50V
0.76
0.81
1.00
1.25
1.38
1.45
1.47
63 & 75 V
0.74
0.80
1.00
1.28
1.43
1.52
1.54
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46
.895” Diameter
6.3 & 7.5 V
0.82
0.86
1.00
1.14
1.20
1.23
1.24
10 to 40 V
0.80
0.84
1.00
1.17
1.25
1.29
1.30
50V
0.75
0.80
1.00
1.27
1.42
1.50
1.52
63 & 75 V
0.75
0.80
1.00
1.26
1.40
1.48
1.50
100 to 250 V
0.76
0.81
1.00
1.25
1.38
1.46
1.48
1.02” Diameter
6.3 & 7.5 V
0.84
0.88
1.00
1.12
1.17
1.19
1.20
10 to 40 V
0.81
0.86
1.00
1.15
1.22
1.25
1.26
50V
0.76
0.81
1.00
1.23
1.35
1.42
1.44
63 & 75 V
0.77
0.81
1.00
1.23
1.35
1.42
1.44
100 to 250 V
0.76
0.81
1.00
1.24
1.37
1.44
1.46


Số phần tương tự - 301183U016JS2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cornell Dubilier Electr...
301183U016JS2 CDE-301183U016JS2 Datasheet
487Kb / 11P
Long-Life, Switching Power Grade Radial
301183U016JS2 CDE-301183U016JS2 Datasheet
764Kb / 12P
High Capacitance and Ultra-Low ESR
More results

Mô tả tương tự - 301183U016JS2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
Ultra-low ESR and high Q factor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
Ultra Low Parasitic Capacitance and Inductance
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
Highest capacitance & Voltage, Low ESR
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
High Capacitance and Ultra-Low ESR
325 CDE-325_15 Datasheet
1Mb / 5P
High Temperature and Ultra-Low ESR
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
Ultra-low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com