công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4CMC102M350AH8 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 4CMC102M350AH8
Giải thích chi tiết về linh kiện  High-Cap, Radial Leaded, Aluminum Electrolytic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

4CMC102M350AH8 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  4CMC102M350AH8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4CMC102M350AH8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4CMC102M350AH8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4CMC102M350AH8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4CMC102M350AH8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4CMC102M350AH8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4CMC102M350AH8 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 4CMC 85 °C, High-Cap, Radial Leaded, Aluminum Electrolytic
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
78000 4CMC783M025EH8 19.00 15.10 10.90
12.20
1 3/4 X 2 3/4
50 Vdc (65 Vdc Surge)
82000 4CMC823M025AJ8 14.30 11.40 11.80
13.20
1 3/8 X 3 3/4
10000 4CMC103M050AK8 44.30 35.30
5.00
5.70
1 3/8 X 1 3/4
83000 4CMC833M025BA8 19.00 15.20 10.90
12.20
2 X 2 1/4
17000 4CMC173M050AA8 27.30 21.80
7.40
8.20
1 3/8 X 2 1/4
97000 4CMC973M025AC8 13.90 11.10 12.60
14.20
1 3/8 X 4 1/4
24000 4CMC243M050AH8 23.40 18.70
8.20
9.20
1 3/8 X 2 3/4
100000 4CMC104M025BH8 15.50 12.40 13.00
14.60
2 X 2 3/4
27000 4CMC273M050EA8 28.20 22.50
8.40
9.40
1 3/4 X 2 1/4
100000 4CMC1003M025EB8 17.30 13.80 12.30
13.80
1 3/4 X 3 1/4
31000 4CMC313M050AB8 18.90 15.10
9.80
11.00
1 3/8 X 3 1/4
110000 4CMC114M025AD8 12.80 10.20 13.80
15.40
1 3/8 X 4 3/4
33000 4CMC333M050BA8 27.90 22.30
9.00
10.10
2 X 2 1/4
120000 4CMC124M025AE8 11.90 9.50
15.00
16.80
1 3/8 X 5 1/4
36000 4CMC363M050EH8 21.20 16.90 10.30
11.50
1 3/4 X 2 3/4
120000 4CMC124M025EJ8 16.40 13.00 13.10
14.60
1 3/4 X 3 3/4
38000 4CMC383M050AJ8 16.20 13.00 11.10
12.40
1 3/8 X 3 3/4
130000 4CMC134M025BB8 12.70 10.10 15.20
17.00
2 X 3 1/4
39000 4CMC393M050EB8 20.30 16.20 11.30
12.70
1 3/4 X 3 1/4
140000 4CMC144M025AF8 11.40 9.10
16.10
18.00
1 3/8 X 5 3/4
45000 4CMC453M050AC8 15.70 12.50 11.90
13.30
1 3/8 X 4 1/4
150000 4CMC154M025EC8 14.10 11.20 14.60
16.30
1 3/4 X 4 1/4
47000 4CMC473M050AD8 14.90 11.90 12.70
14.30
1 3/8 X 4 3/4
160000 4CMC164M025BJ8 12.50 10.00 17.10
19.20
2 X 3 3/4
47000 4CMC473M050BH8 19.60 15.60 11.60
13.00
2 X 2 3/4
170000 4CMC174M025ED8 12.50 10.00 16.30
18.30
1 3/4 X 4 3/4
48000 4CMC483M050EJ8 19.20 15.30 12.10
13.50
1 3/4 X 3 3/4
190000 4CMC194M025EE8 11.30 9.00
18.20
20.40
1 3/4 X 5 1/4
53000 4CMC533M050AE8 13.90 11.00 13.90
15.60
1 3/8 X 5 1/4
190000 4CMC194M025BC8 12.20 9.70
17.40
19.50
2 X 4 1/4
56000 4CMC563M050BB8 16.30 13.00 13.40
15.00
2 X 3 1/4
210000 4CMC214M025EF8 10.50 8.30
20.20
22.60
1 3/4 X 5 3/4
58000 4CMC583M050EC8 16.50 13.10 13.50
15.10
1 3/4 X 4 1/4
220000 4CMC224M025BD8 11.40 9.10
18.60
20.80
2 X 4 3/4
60000 4CMC603M050AF8 13.20 10.50 15.00
16.80
1 3/8 X 5 3/4
250000 4CMC254M025BE8 10.60 8.50
19.90
22.30
2 X 5 1/4
67000 4CMC673M050ED8 14.50 11.60 15.10
17.00
1 3/4 X 4 3/4
280000 4CMC284M025BF8 9.60
7.60
21.80
24.40
2 X 5 3/4
68000 4CMC683M050BJ8 15.00 12.00 15.60
17.50
2 X 3 3/4
35 Vdc (40 Vdc Surge)
76000 4CMC763M050EE8 13.10 10.50 16.90
18.90
1 3/4 X 5 1/4
15000 4CMC153M035AK8 63.20 50.40
4.20
4.70
1 3/8 X 1 3/4
82000 4CMC823M050BC8 14.30 11.40 16.10
18.00
2 X 4 1/4
25000 4CMC253M035AA8 23.90 19.10
7.90
8.80
1 3/8 X 2 1/4
85000 4CMC853M050EF8 12.10 9.60
18.80
21.10
1 3/4 X 5 3/4
35000 4CMC353M035AH8 20.60 16.40
8.80
9.80
1 3/8 X 2 3/4
91000 4CMC913M050BD8 12.70 10.10 17.60
19.80
2 X 4 3/4
38000 4CMC383M035EA8 22.70 18.10
9.30
10.40
1 3/4 X 2 1/4
100000 4CMC104M050BE8 11.80 9.40
19.00
21.30
2 X 5 1/4
45000 4CMC453M035AB8 16.60 13.20 10.50
11.70
1 3/8 X 3 1/4
120000 4CMC124M050BF8 10.50 8.40
20.70
23.20
2 X 5 3/4
52000 4CMC523M035EH8 19.00 15.10 10.90
12.20
1 3/4 X 2 3/4
63 Vdc (75 Vdc Surge)
55000 4CMC553M035AJ8 14.30 11.40 11.80
13.20
1 3/8 X 3 3/4
7500 4CMC752M063AK8 44.10 35.10
5.10
5.70
1 3/8 X 1 3/4
56000 4CMC563M035BA8 19.00 15.20 10.90
12.20
2 X 2 1/4
12000 4CMC123M063AA8 26.80 21.40
7.40
8.30
1 3/8 X 2 1/4
65000 4CMC653M035AC8 13.90 11.10 12.60
14.20
1 3/8 X 4 1/4
16000 4CMC163M063EA8 28.20 22.50
8.30
9.30
1 3/4 X 2 1/4
67000 4CMC673M035EB8 17.30 13.80 12.30
13.80
1 3/4 X 3 1/4
16000 4CMC163M063AH8 23.50 18.80
8.20
9.20
1 3/8 X 2 3/4
68000 4CMC683M035BH8 15.50 12.40 13.00
14.60
2 X 2 3/4
21000 4CMC213M063AB8 18.70 14.90
9.90
11.10
1 3/8 X 3 1/4
75000 4CMC753M035AD8 12.80 10.20 13.80
15.40
1 3/8 X 4 3/4
22000 4CMC223M063EH8 21.20 16.90 10.30
11.50
1 3/4 X 2 3/4
83000 4CMC833M035EJ8 16.40 13.00 13.10
14.60
1 3/4 X 3 3/4
26000 4CMC263M063AJ8 16.90 13.50 10.90
12.20
1 3/8 X 3 3/4
84000 4CMC843M035AE8 11.90 9.50
15.20
17.10
1 3/8 X 5 1/4
26000 4CMC263M063BA8 27.70 22.10
9.00
10.10
2 X 2 1/4
87000 4CMC873M035BB8 12.70 10.10 15.20
17.00
2 X 3 1/4
29000 4CMC293M063EB8 20.90 16.70 11.20
12.50
1 3/4 X 3 1/4
93000 4CMC933M035AF8 11.40 9.10
16.10
18.10
1 3/8 X 5 3/4
30000 4CMC303M063AC8 17.30 13.80 11.30
12.70
1 3/8 X 4 1/4
100000 4CMC104M035EC8 14.10 11.20 14.60
16.30
1 3/4 X 4 1/4
33000 4CMC333M063BH8 19.50 15.50 11.60
13.00
2 X 2 3/4
110000 4CMC114M035BJ8 12.50 10.00 17.10
19.20
2 X 3 3/4
35000 4CMC353M063AD8 15.70 12.50 12.40
13.90
1 3/8 X 4 3/4
110000 4CMC114M035ED8 12.50 10.00 16.30
18.30
1 3/4 X 4 3/4
36000 4CMC363M063EJ8 20.00 16.00 11.80
13.20
1 3/4 X 3 3/4
130000 4CMC134M035EE8 11.30 9.00
18.20
20.40
1 3/4 X 5 1/4
38000 4CMC383M063AE8 14.50 11.50 13.80
15.50
1 3/8 X 5 1/4
130000 4CMC134M035BC8 12.20 9.70
17.40
19.50
2 X 4 1/4
43000 4CMC433M063EC8 17.20 13.70 13.20
14.80
1 3/4 X 4 1/4
140000 4CMC144M035EF8 10.50 8.30
20.20
22.60
1 3/4 X 5 3/4
44000 4CMC443M063AF8 13.70 10.90 14.70
16.50
1 3/8 X 5 3/4
150000 4CMC154M035BD8 11.40 9.10
18.60
20.80
2 X 4 3/4
47000 4CMC473M063BB8 16.20 12.90 13.40
15.00
2 X 3 1/4
170000 4CMC174M035BE8 10.60 8.50
20.00
22.40
2 X 5 1/4
50000 4CMC503M063ED8 15.20 12.20 14.80
16.60
1 3/4 X 4 3/4
190000 4CMC194M035BF8 9.60
7.60
21.70
24.40
2 X 5 3/4
53000 4CMC533M063BJ8 15.10 12.00 15.60
17.40
2 X 3 3/4
57000 4CMC573M063EE8 13.80 11.00 16.50
18.50
1 3/4 X 5 1/4



Html Pages

1 2 3 4 5 6 7