công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

301273U6R3JS2 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện 301273U6R3JS2
Giải thích chi tiết về linh kiện  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

301273U6R3JS2 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 301273U6R3JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 301273U6R3JS2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
2700
301272U016HE2 110.0 63.7
2.14
2.65
.895 x 1.15
1200 301R122U020GE2 138.0
70.1
1.74
2.30
.77 x 1.15
2700 301R272U016HE2 95.2
52.4
2.30
2.92
.895 x 1.15
1500 301R152M020ER2 85.0
33.0
2.23
3.58
.51 x 1.73
3300 301R332M016FF2 78.0
32.0
2.42
3.78
.65 x 1.32
1500
301152U020LV2
90.0
50.0
2.42
3.25
.73 x 1.63
3300
301332U016GJ2
80.4
41.0
2.51
3.32
.77 x 1.65
2200 301R222M020FQ2 77.0
32.0
2.55
3.96
.65 x 1.48
3300 301R332U016GJ2 69.7
35.5
2.70
3.56
.77 x 1.65
2200 301222U020HE2 110.0
61.5
2.14
2.70
.895 x 1.15
3300
301332U016JE2
90.7
56.2
2.46
2.94
1.02 x 1.15
2200 301R222U020HE2 95.2
53.3
2.30
2.90
.895 x 1.15
3300 301R332U016JE2 78.6
41.6
2.64
3.42
1.02 x 1.15
2700 301272U020GJ2
80.4
41.0
2.51
3.32
.77 x 1.65
3900 301R392M016FQ2 75.0
32.0
2.59
3.97
.65 x 1.48
2700 301R272U020GJ2 69.7
35.5
2.70
3.56
.77 x 1.65
4700 301R472M016LQ2 74.0
32.0
2.85
4.34
.73 x 1.48
2700
301272U020JE2
90.7
57.1
2.46
2.92
1.02 x 1.15
4700
301472U016GL2
54.5
27.8
3.82
5.05
.77 x 2.15
2700 301R272U020JE2 78.6
49.5
2.64
3.14
1.02 x 1.15
4700 301R472U016GL2 47.2
24.1
4.11
5.42
.77 x 2.15
3300 301R332M020LV2 62.0
26.0
3.19
4.92
.73 x 1.63
4700
301472U016HJ2
56.0
32.5
3.55
4.39
.895 x 1.65
3900 301392U020GL2
54.5
27.8
3.82
5.05
.77 x 2.15
4700 301R472U016HJ2 48.5
26.7
3.81
4.84
.895 x 1.65
3900 301R392U020GL2 47.2
24.1
4.11
5.42
.77 x 2.15
5600 301R562M016LV2 62.0
26.0
3.22
4.98
.73 x 1.63
3900
301392U020HJ2
56.0
31.4
3.55
4.47
.895 x 1.65
5600
301562U016GP2 41.7
21.3
4.87
6.43
.77 x 2.65
3900 301R392U020HJ2 48.5
27.2
3.81
4.80
.895 x 1.65
5600 301R562U016GP2 36.1
18.4
5.23
6.90
.77 x 2.65
4700 301472U020GP2 41.7
21.3
4.87
6.43
.77 x 2.65
6800
301682U016HL2
38.2
22.2
4.97
6.15
.895 x 2.15
4700 301R472U020GP2 36.1
18.4
5.23
6.90
.77 x 2.65
6800 301R682U016HL2 28.3
15.6
5.78
7.35
.895 x 2.15
5600
301562U020JJ2
46.4
29.2
4.23
5.02
1.02 x 1.65
6800
301682U016JJ2
46.4
28.8
4.23
5.06
1.02 x 1.65
5600 301R562U020JJ2 40.2
21.3
4.54
5.88
1.02 x 1.65
6800 301R682U016JJ2 40.2
21.3
4.54
5.88
1.02 x 1.65
6800 301682U020GS2 34.1
17.4
5.87
7.75
.77 x 3.15
8200
301822U016GS2 34.1
17.4
5.87
7.75
.77 x 3.15
6800 301R682U020GS2 29.6
15.1
6.31
8.33
.77 x 3.15
8200 301R822U016GS2 29.6
15.1
6.31
8.33
.77 x 3.15
6800 301682U020HL2
38.2
21.4
4.97
6.26
.895 x 2.15
10000 301103U016GT2
29.2
14.9
6.77
8.94
.77 x 3.65
6800 301R682U020HL2 28.3
15.8
5.78
7.28
.895 x 2.15
10000 301R103U016GT2 25.3
12.9
7.27
9.60
.77 x 3.65
8200 301822U020GT2 29.2
14.9
6.77
8.94
.77 x 3.65
10000 301103U016HP2
29.5
17.1
6.30
7.79
.895 x 2.65
8200 301R822U020GT2 25.3
12.9
7.27
9.60
.77 x 3.65
10000 301R103U016HP2 21.6
11.9
7.36
9.36
.895 x 2.65
8200 301822U020HP2 29.5
16.5
6.30
7.93
.895 x 2.65
10000 301103U016JL2
31.8
19.7
5.86
7.01
1.02 x 2.15
8200 301R822U020HP2 21.6
12.1
7.36
9.28
.895 x 2.65
10000 301R103U016JL2 21.0
11.1
7.21
9.33
1.02 x 2.15
8200
301822U020JL2
31.8
20.1
5.86
6.96
1.02 x 2.15
12000 301123U016HS2
24.4
14.1
7.55
9.35
.895 x 3.15
8200 301R822U020JL2 21.0
11.1
7.21
9.33
1.02 x 2.15
12000 301R123U016HS2 17.6
9.7
8.89
11.30
.895 x 3.15
10000 301103U020HS2
24.4
13.7
7.55
9.52
.895 x 3.15
15000 301153U016HT2
21.1
12.2
8.69
10.80
.895 x 3.65
10000 301R103U020HS2 17.6
9.8
8.89
11.20
.895 x 3.15
15000 301R153U016HT2 15.0
8.2
10.30
13.10
.895 x 3.65
12000 301123U020HT2
21.1
11.8
8.69
10.90
.895 x 3.65
15000 301153U016JP2
24.7
15.3
7.39
8.85
1.02 x 2.65
12000 301R123U020HT2 15.0
8.4
10.30
13.00
.895 x 3.65
15000 301R153U016JP2 16.1
8.5
9.14
11.80
1.02 x 2.65
12000 301123U020JP2
24.7
15.6
7.39
8.77
1.02 x 2.65
18000 301183U016JS2
20.5
12.7
8.80
10.50
1.02 x 3.15
12000 301R123U020JP2 16.1
8.5
9.14
11.80
1.02 x 2.65
18000 301R183U016JS2 16.6
8.8
9.79
12.70
1.02 x 3.15
15000 301153U020JS2
20.5
12.9
8.80
10.50
1.02 x 3.15
22000 301223U016JT2
17.9
11.1
10.10
12.10
1.02 x 3.65
15000 301R153U020JS2 13.2
7.0
11.00
14.20
1.02 x 3.15
22000 301R223U016JT2 11.4
6.0
12.70
16.50
1.02 x 3.65
18000 301183U020JT2
17.9
11.2 10.10
12.00
1.02 x 3.65
20 Vdc (30 Vdc Surge)
18000 301R183U020JT2 11.4
6.0
12.70
16.50
1.02 x 3.65
330
301331U020EM2 360.0 160.0
0.89
1.34
.51 x 1.10
25 Vdc (35 Vdc Surge)
470 301R471M020EG2 250.0 77.0
0.55
0.99
.51 x .85
330
301331U025EN2 290.0 120.0 1.13
1.75
.51 x 1.38
470
301471U020FK2 240.0 90.0
1.22
2.00
.65 x 1.04
390 301R391M025EG2 267.0
92.0
0.89
1.52
.51 x .85
560
301561U020ER2 220.0 80.0
1.41
2.34
.51 x 1.73
470
301471U025ER2 220.0
80.0
1.42
2.35
.51 x 1.73
680 301R681M020EM2 140.0 67.0
1.46
2.11
.51 x 1.10
560 301R561M025EK2 193.0
75.0
1.12
1.79
.51 x 1.04
680
301681U020FF2 170.0 60.0
1.72
2.90
.65 x 1.32
680 301R681M025EM2 160.0
67.0
1.40
2.17
.51 x 1.10
1000 301R102M020EN2 114.0 48.0
1.10
1.69
.51 x 1.38
680
301681U025FQ2 190.0
75.0
1.53
2.44
.65 x 1.48
1200
301122U020GE2 159.0 80.9
1.62
2.14
.77 x 1.15
1000 301R102M025EN2 152.0
56.0
1.62
2.67
.51 x 1.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11