công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

301R273U6R3HT2 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện 301R273U6R3HT2
Giải thích chi tiết về linh kiện  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

301R273U6R3HT2 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 301R273U6R3HT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 301R273U6R3HT2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
470
301471U050LV2 250.0
90.0
1.44
2.40
.73 x 1.63
390
301391U063GE2 281.0
92.7
1.22
2.00
.77 x 1.15
560
30lR561M050FF2 118.0
41.0
1.98
3.36
.65 x 1.32
390 301R391U063GE2 243.0
80.3
1.31
2.15
.77 x 1.15
560 301R561U050GE2 216.0
88.6
1.39
2.05
.77 x 1.15
470 301R471M063FF2 142.0
43.0
1.80
3.27
.65 x 1.32
560
301561U050GE2 249.0 102.0
1.29
1.91
.77 x 1.15
560 301R561M063FQ2 120.0
35.0
2.05
3.80
.65 x 1.48
680 301R681M050FQ2 102.0
40.0
2.31
3.69
.65 x 1.48
680 301R681M063FV2 113.0
32.0
2.06
3.87
.65 x 1.65
820 301R821M050FV2 95.0
38.0
2.40
3.79
.65 x 1.63
680 301R681M063LQ2 103.0
29.0
2.21
4.17
.73 x 1.48
820 301R821M050LQ2 89.0
36.0
2.59
4.07
.73 x 1.48
680
301681U063HE2 185.0
70.5
1.65
2.52
.895 x 1.15
1000 301R102M050LV2 77.0
28.0
2.90
4.81
.73 x 1.63
680 301R681U063HE2 161.0
53.0
1.77
2.90
.895 x 1.15
1200 301R122U050GJ2 109.0
44.7
2.16
3.18
.77 x 1.65
820 301R821M063LV2 90.0
29.0
2.69
4.74
.73 x 1.63
1200
301122U050GJ2 126.0
51.6
2.01
2.96
.77 x 1.65
820
301821U063GJ2 142.0
46.7
1.89
3.11
.77 x 1.65
1200
301122U050JE2 130.0
62.4
2.05
2.79
1.02 x 1.15
820 301R821U063GJ2 123.0
40.5
2.03
3.34
.77 x 1.65
1200 301R122U050JE2 113.0
43.9
2.21
3.33
1.02 x 1.15
1000
301102U063JE2 144.0
63.2
1.95
2.78
1.02 x 1.15
1500 301R152U050GL2 73.4
30.1
3.29
4.85
.77 x 2.15
1000 301R102U063JE2 124.0
43.5
2.10
3.34
1.02 x 1.15
1500
301152U050GL2
84.7
34.7
3.07
4.52
.77 x 2.15
1200 301122U063GL2 95.2
31.4
2.89
4.75
.77 x 2.15
1800
301182U050HJ2
84.0
34.5
2.89
4.26
.895 x 1.65
1200 301R122U063GL2 82.5
27.2
3.11
5.10
.77 x 2.15
1800 301R182U050HJ2 72.8
26.2
3.11
4.89
.895 x 1.65
1200
301122U063HJ2 93.8
35.6
2.74
4.19
.895 x 1.65
2200 301R222U050GP2 55.8
22.9
4.21
6.20
.77 x 2.65
1200 301R122U063HJ2 81.3
26.8
2.94
4.83
.895 x 1.65
2200
301222U050GP2 64.4
26.4
3.92
5.77
.77 x 2.65
1500 301152U063GP2 72.3
23.8
3.70
6.07
.77 x 2.65
2700 301R272U050GS2 45.3
18.6
5.10
7.51
.77 x 3.15
1500 301R152U063GP2 62.6
20.7
3.97
6.52
.77 x 2.65
2700
301272U050GS2 52.3
21.4
4.75
6.99
.77 x 3.15
1800
301182U063HL2 63.4
24.1
3.86
5.90
.895 x 2.15
2700
301272U050HL2
56.9
23.3
4.07
6.00
.895 x 2.15
1800 301R182U063HL2 50.1
16.5
4.34
7.13
.895 x 2.15
2700 301R272U050HL2 44.5
16.0
4.61
7.24
.895 x 2.15
1800
301182U063JJ2
72.8
32.0
3.37
4.80
1.02 x 1.65
2700
301272U050JJ2
66.0
31.7
3.54
4.82
1.02 x 1.65
1800 301R182U063JJ2 63.1
22.1
3.62
5.78
1.02 x 1.65
2700 301R272U050JJ2 57.2
22.3
3.81
5.75
1.02 x 1.65
2200 301222U063GS2 58.6
19.3
4.48
7.36
.77 x 3.15
3300 301R332U050GT2 38.4
15.7
5.90
8.69
.77 x 3.65
2200 301R222U063GS2 50.8
16.8
4.82
7.90
.77 x 3.15
3300
301332U050GT2
44.3
18.2
5.49
8.09
.77 x 3.65
2200 301222U063GT2 49.6
16.4
5.19
8.53
.77 x 3.65
3300
301332U050HP2
43.5
17.8
5.18
7.63
.895 x 2.65
2200 301R222U063GT2 43.0
14.2
5.58
9.16
.77 x 3.65
3300 301R332U050HP2 33.7
12.1
5.89
9.26
.895 x 2.65
2700 301272U063HP2 48.4
18.4
4.92
7.52
.895 x 2.65
3900
301392U050JL2
44.9
21.6
4.93
6.71
1.02 x 2.15
2700 301R272U063HP2 37.9
12.5
5.55
9.11
.895 x 2.65
3900 301R392U050JL2 32.4
12.6
5.81
8.77
1.02 x 2.15
2700
301272U063JL2
49.5
21.8
4.70
6.68
1.02 x 2.15
4700
301472U050HS2
35.6
14.6
6.25
9.21
.895 x 3.15
2700 301R272U063JL2 36.3
12.7
5.48
8.74
1.02 x 2.15
4700 301R472U050HS2 27.3
9.8
7.14
11.20
.895 x 3.15
3300 301332U063HS2 39.5
15.0
5.94
9.08
.895 x 3.15
5600
301562U050HT2
30.4
12.5
7.23
10.60
.895 x 3.65
3300 301R332U063HS2 30.7
10.1
6.73
11.10
.895 x 3.15
5600 301R562U050HT2 23.1
8.3
8.30
13.00
.895 x 3.65
3900 301392U063HT2 33.7
12.8
6.87
10.50
.895 x 3.65
5600
301562U050JP2
34.5
16.6
6.25
8.50
1.02 x 2.65
3900 301R392U063HT2 25.9
8.5
7.84
12.90
.895 x 3.65
5600 301R562U050JP2 24.6
9.6
7.40
11.20
1.02 x 2.65
3900
301392U063JP2 37.9
16.7
5.96
8.47
1.02 x 2.65
6800
301682U050JS2
28.4
13.6
7.48
10.20
1.02 x 3.15
3900 301R392U063JP2 27.6
9.7
6.99
11.10
1.02 x 2.65
6800 301R682U050JS2 20.0
7.8
8.91
13.40
1.02 x 3.15
4700
301472U063JS2 31.1
13.7
7.15
10.20
1.02 x 3.15
8200
301822U050JT2
24.4
11.7
8.67
11.80
1.02 x 3.65
4700 301R472U063JS2 22.4
7.8
8.42
13.40
1.02 x 3.15
8200 301R822U050JT2 17.0
6.6
10.40
15.70
1.02 x 3.65
5600
301562U063JT2
26.7
11.7
8.30
11.80
1.02 x 3.65
63 Vdc (90 Vdc Surge)
5600 301R562U063JT2 19.0
6.6
9.83
15.70
1.02 x 3.65
120 301R121M063EG2 451.0
93.0
0.73
1.60
.51 x .85
75 Vdc (100 Vdc Surge)
180
301R18lM063EK2 298.0
90.0
1.01
1.83
.51 x 1.04
330
301331U075GE2 360.0 155.0 1.08
1.55
.77 x 1.15
270 301R271M063EN2 160.0
55.0
1.44
2.46
.51 x 1.38
330 301R331U075GE2 312.0 134.0 1.16
1.66
.77 x 1.15
330 301R331M063FK2 171.0
50.0
1.48
2.74
.65 x 1.04
470
301471U075HE2 234.0 108.0 1.47
2.04
.895 x 1.15
390 301R391M063ER2 130.0
38.0
1.83
3.38
.51 x 1.73
470 301R471U075HE2 203.0
87.3
1.57
2.26
.895 x 1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11