| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
97SD3240 bảng dữ liệu(PDF) 2 Page - Maxwell Technologies |
|
|
|||||||||||||||||||||||||||||
97SD3240 bảng dữ liệu(HTML) 2 Page - Maxwell Technologies |
|
2 / 39 page ![]() 97SD3240 2 All data sheets are subject to change without notice ©2006 Maxwell Technologies All rights reserved. 1.25Gb (8-Meg X 40-Bit X 4-Banks) SDRAM 05.10.06 Rev 4 Pinout Description Vcc Vss NC D47 D31 D15 VSSQ VCCQ CS6 CS4 CS2 CLK2 NC DQM6 DQM4 D46 D30 D14 VCCQ VSSQ D45 D29 D13 D44 D28 D12 NC Vss NC Vcc NC Vcc NC Vss NC NC VSSQ VCCQ CS5 CS3 CS1 CLK1 DQM5 DQM3 DQM1 D35 D19 D3 VCCQ VSSQ D34 D18 D2 D33 D17 D1 D32 D16 D0 Vss NC Vcc NC NC NC DQM2 97SD3240 The 97SD3240 Consists of 5, 8-Meg X 8-Bit X 4-Banks, die. CKE 1-5, CS 1-5 and DQM 1-5 correspond to one of the die: CKE1, CS1 and DQM1 control D0 - D7 CKE2, CS2 and DQM2 control D8 - D15 CKE3, CS3 and DQM3 control D16 - D23 CKE4, CS4 and DQM4 control D24 - D31 CKE5, CS5 and DQM5 control D32 - D39 The 132 Pin 3-layer stack package contains 2die in layer one and two and one die in layer three. CLK1 clocks die 1, 3 and 5, while CLK2 clocks die 2 and 4. |