công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM611FS16CW-12LL bảng dữ liệu(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

tên linh kiện EM611FS16CW-12LL
Giải thích chi tiết về linh kiện  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMLSI [Emerging Memory & Logic Solutions Inc]
Trang chủ  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM611FS16CW-12LL bảng dữ liệu(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EM611FS16CW-12LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM611FS16CW-12LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EM640FP8 Series
Low Power, 512Kx8 SRAM
9
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.0
-
2.2
V
Data Retention Current
IDR
VCC=1.2V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.5
2
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS 1 > Vcc-0.2V
V
cc
1.65V
1.4V
V
DR
CS1
GND
tSDR
tRDR
Data Retention Mode
V
cc
1.65V
CS2
VDR
0.4V
GND
CS 2 < 0.2V
DATA RETENTION WAVE FORM
CS1 Controlled
CS2 Controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com