công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM610FS16CW-55LL bảng dữ liệu(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

tên linh kiện EM610FS16CW-55LL
Giải thích chi tiết về linh kiện  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMLSI [Emerging Memory & Logic Solutions Inc]
Trang chủ  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM610FS16CW-55LL bảng dữ liệu(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM610FS16CW-55LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM610FS16CW-55LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM640FP8 Series
Low Power, 512Kx8 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
1
2
3
4
5
6
A
A0
A1
CS2
A3
A6
A8
B
I/O
5
A
2
WE
A
4
A
7
I/O
1
C
I/O6
DNU
A5
I/O2
D
VSS
VCC
E
VCC
VSS
F
I/O
7
A
18
A
17
I/O
3
G
I/O
8
OE
CS
1
A
16
A
15
I/O
4
H
A9
A10
A11
A12
A13
A14
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization : 512K x 8 bit
• Power Supply Voltage : 1.65V ~ 2.2V
• Low Data Retention Voltage : 1.0V(Min)
• Three state outputs
• Package Type : 36-FPBGA 6.0x7.0
GENERAL DESCRIPTION
The EM640FP8 families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ)
Operating
(ICC1.Max)
EM640FP8
Industrial (-40 ~ 85
o C)
1.65~2.2V
70ns
1)
1
µA
2 mA
36 FPBGA
(6.0x7.0)
Name
Function
Name
Function
CS1,CS2 Chip select inputs
WE
Write Enable input
OE
Output Enable input
Vcc
Power Supply
A0~A18
Address Inputs
Vss
Ground
I/O1~I/O 8 Data Inputs/outputs
DNU
Do Not Use
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
2048 x 2048
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A11 A12 A13 A14 A15 A16
A18
WE
OE
CS1
CS2
I/O1 ~ I/O4
I/O5 ~ I/O8
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
A10
PIN DESCRIPTION
36-FPBGA : Top view (ball down)
A17
1. The parameter is measured with 30pF test load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com