công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2287 bảng dữ liệu(PDF) 3 Page - Micrel Semiconductor

tên linh kiện MIC2287
Giải thích chi tiết về linh kiện  1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287 bảng dữ liệu(HTML) 3 Page - Micrel Semiconductor

  MIC2287 Datasheet HTML 1Page - Micrel Semiconductor MIC2287 Datasheet HTML 2Page - Micrel Semiconductor MIC2287 Datasheet HTML 3Page - Micrel Semiconductor MIC2287 Datasheet HTML 4Page - Micrel Semiconductor MIC2287 Datasheet HTML 5Page - Micrel Semiconductor MIC2287 Datasheet HTML 6Page - Micrel Semiconductor MIC2287 Datasheet HTML 7Page - Micrel Semiconductor MIC2287 Datasheet HTML 8Page - Micrel Semiconductor MIC2287 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
July 2005
3
M9999-070105
MIC2287
Micrel, Inc.
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................................12V
Switch Voltage (VSW) ......................................–0.3V to 34V
Enable Pin Voltage (VEN) ................................... –0.3 to VIN
FB Voltage (VFB) .............................................................6V
Switch Current (ISW)........................................................ 2A
Ambient Storage Temperature (TS).......... –65°C to +150°C
ESD Rating(3) ............................................................... 2kV
Operating Ratings(2)
Supply Voltage (VIN)..........................................2.5V to 10V
Junction Temperature Range (TJ) ............ –40°C to +125°C
Package Thermal Impedance
2mm × 2mmMLF™ (θJA) .....................................93°C/W
Thin SOT-23-5 (θJA) .........................................256°C/W
Electrical Characteristics(4)
TA = 25°C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 10mA, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 200mV, (not switching)
2.5
5
mA
ISD
Shutdown Current
VEN = 0V(5)
0.1
1
µA
VFB
Feedback Voltage
(±5%)
90
95
100
mV
IFB
Feedback Input Current
VFB = 95mV
–450
nA
Line Regulation(6)
3V ≤ VIN ≤ 5V
0.5
1
%
Load Regulation(6)
5mA ≤ IOUT ≤ 20mA
0.5
2
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
750
mA
VSW
Switch Saturation Voltage
ISW = 0.5A
450
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
1.5
V
TURN OFF
0.4
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
1.05
1.2
1.35
MHz
VOVP
Overvoltage Protection
MIC2287BML- 15 only
13
14
16
V
MIC2287BML- 24 only
21
22.5
24
V
MIC2287BML- 34 only
30
32
34
V
TJ
Overtemperature
150
°C
Threshold Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating ratings.
3. Devices are inherently ESD sensitive. Handling precautions required. Human body model.
4. Specification for packaged product only.
5. ISD = IVIN.
6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com