| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC44F19YML bảng dữ liệu(PDF) 8 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC44F19YML bảng dữ liệu(HTML) 8 Page - Micrel Semiconductor |
|
8 / 13 page ![]() Micrel, Inc. MIC44F18/19/20 January 2007 8 M9999-011207 Functional Description The MIC44F18/19/20 family of drivers are high speed, high current drivers that are designed to drive P-channel and N-channel MOSFETs. The drivers come in both inverting and non-inverting versions. The block diagram of the MIC44Fxx driver is shown in Figure 1. The MIC44F18 is a non-inverting driver. When disabled, the VOUT pin is pulled low. The MIC44F19 is an inverting driver that is optimized to drive P-channel MOSFETs. When disabled, the VOUT pin is pulled high, which turns off the P-channel MOSFET. The MIC44F20 is an inverting driver, whose VOUT pin is pulled low when disabled. This allows it to drive an N-channel MOSFETs and turn it off when the driver is disabled. The logic table below summarizes the driver operation. EN/UVLO IN MIC44F18 OUTPUT MIC44F19 OUTPUT MIC44F20 OUTPUT 0 0 LOW HI LOW 0 1 LOW HI LOW 1 0 LOW HI HI 1 1 HI LOW LOW Startup and UVLO The UVLO circuit disables the output until the VDD supply voltage exceeds the UVLO threshold. Hysteresis in the UVLO circuit prevents noise and finite circuit impedance from causing chatter during turn-on and turn- off. As shown in figure 2, with the EN/UVLO pin open, an internal resistor divider senses the VDD voltage and the UVLO threshold is set at the minimum operating voltage of the driver. The driver can be set to turn on at a higher voltage by adding an external resistor to the UVLO pin. With an external divider, the VDD turn on (rising VDD) threshold is calculated as: Voltage Hysteresis Enable V pin VDD the at Voltage Hysteresis VDD Voltage Threshold Enable V : where R2 R1 1 V V R2 R1 1 V V Hyst Hysteresis TH Hyst hysteresis DD TH enable DD = = = ⎥⎦ ⎤ ⎢⎣ ⎡ + × = ⎥⎦ ⎤ ⎢⎣ ⎡ + × = Because the external resistors are parallel with the internal resistors, it is important to keep the value of the external resistors at least 10 times lower than the typical values of the internal resistors. This prevents the internal resistors from affecting the accuracy of the enable calculation as well as preventing the large tolerance of the internal resistors from affecting the tolerance of the enable voltage setting. Figure 2. UVLO Circuit Input Stage The MIC44Fxx family of drivers have a high impedance, TTL compatible input stage. The tight tolerance of the input threshold makes it compatible with CMOS devices powered from any supply voltage between 3V and VDD. Hysteresis on the input pin improves noise immunity and prevents input signals with slow rise times from falsely triggering the output. The amplitude of the input voltage has no effect on the supply current draw of the driver. The input voltage signal may go up to -5V below ground without damaging the driver or causing a latch up condition. Negative input voltages 0.7V below ground or greater will cause an increase in propagation delay. |