công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VPF-S600-24R bảng dữ liệu(PDF) 2 Page - CUI INC

tên linh kiện VPF-S600-24R
Giải thích chi tiết về linh kiện  Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CUI [CUI INC]
Trang chủ  http://www.cui.com
Logo CUI - CUI INC

VPF-S600-24R bảng dữ liệu(HTML) 2 Page - CUI INC

  VPF-S600-24R Datasheet HTML 1Page - CUI INC VPF-S600-24R Datasheet HTML 2Page - CUI INC VPF-S600-24R Datasheet HTML 3Page - CUI INC VPF-S600-24R Datasheet HTML 4Page - CUI INC VPF-S600-24R Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VPF-S600 Switching Power Supply
Rev. 12-2006
2 / 5
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Input
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Frequency
47
63
Hz
Input Voltage
90
264
VAC
Input Current
At 90-264 VAC
10
A
Inrush Current
Peak measured at 230 VAC at full load, cold start
70
A
Power Factor
Active power factor correction meets EN61000-3-2 class D
Output
Parameter
Conditions/Description
Min
Nom
Max
Units
Transient response
Output voltage returns to within 1% in less than
2.5 mS for a 50% load change. Peak
transient does not exceed 5%.
Overshoot
Turn-on and turn-off overshoot shall not exceed
5% over nominal voltage.
Efficiency
Measured at 230 V and full load
12 V model:
80%
All other models:
82%
Turn on delay
At 120 VAC
1
second
Hold up time
At 120 VAC and 80% of rated maximim load
20
mS
Adjustability
Adjustable with built-in trim pot.
+/- 5%
Remote sense
Designated as RS+ and RS- on the CN3. Total voltage compensation for cable losses with
respect to the main output. (NOT available for current sharing models.)
Remote Inhibit
Designated as RSW on the CN3. Requires a low signal to inhibit the output.
LED display
Green - the power supply is operating normally.
(LED 1)
Orange - when any protection occurs or when Remote Inhibit is in effect.
Power Good
Designated as PG on the CN3. This signal
goes high 100-500 mS after the output reaches regulation.
It goes low at least 1 mS before loss of regulation.
Current Sharing
Designated as CSH on (CN3), use in parallel for forced current sharing function.
Accuracy of shared current with up to 4 parallel units is within 10% at full load.
Current Monitor
Disignated as CMN on (CN3) for current sense purpose. CMN is a 0.5 to 3VDC output
voltage to represent a linear 0% to 100% output current.
Protection Circuit
Parameter
Conditions/Description
Input Fuse
Built-in ac fuse. A blown fuse usually indicates permanent
damage to the power supply serviceable by factory only.
Input under-voltage
Power supply shuts down when ac input is under
80 VAC. When ac line reappears over 86 +/- 5 VAC,
the power supply restarts automatically.
Overload
Current limiting starts at 110-140% of the rated output current and
recovers automatically.
Short circuit
Short circuit can be continuous. Recovers automatically upon removal of short.
Output Over-voltage
Output is protected agaist overvoltage. Unit shuts down and latches
when voltage at output terminals exceeds 130%. AC input needs to be
reset to restart the power supply.
Over temp.
Power supply shuts down when temperature is in excess of 85 ºC. Auto recovery.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com