| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA013B bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA013B bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 38 page ![]() I 2C CONTROL SERIAL INPUT INTERFACE BUFFER MPEG 2.5 LAYER III DECODER CORE CHANNEL CONFIG. & VOLUME CONTROL OUTPUT BUFFER PCM OUTPUT INTERFACE PARSER 26 3 4 RESET SDA SCL 5 6 7 BIT_EN SCKR SDI SDO 9 10 11 SCKT LRCKT SYSTEM & AUDIO CLOCKS TEST INTERFACE SRC_INT OUT_CLK/DATA_REQ XTI XTO OCLK TESTEN SCANEN D98AU965 8 28 21 201224 25 Figure 1. Block Diagram: MPEG 2.5 Layer III Decoder Hardware Partitioning. THERMAL DATA Symbol Parameter Value Unit Rth j-amb Thermal resistance Junction to Ambient 85 °C/W ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDD Power Supply -0.3 to 4 V Vi Voltage on Input pins -0.3 to VDD +0.3 V VO Voltage on output pins -0.3 to VDD +0.3 V Tstg Storage Temperature -40 to +150 °C Toper Operative ambient temp -40 to +85 (*) °C Tj Operating Junction Temperature -40 to 125 °C (*) guaranteed by design. STA013 - STA013B - STA013T 2/38 |