| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA014 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA014 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 45 page ![]() I 2C CONTROL SERIAL INPUT INTERFACE BUFFER 256 x 8 MPEG L III ADPCM CORE VOLUME & TONE CONTROL OUTPUT BUFFER PCM OUTPUT INTERFACE PARSER 26 34 RESET SDA SCL 5 6 7 28 BIT_EN DATA-REQ SCKR SDI ADC INPUT INTERFACE 8 27 25 SDI_ADC LRCK_ADC SCK_ADC SDO 9 10 11 12 SCKT LRCKT OCLK SYSTEM & AUDIO CLOCKS XTI XTO FILT TESTEN D99AU1117A 21 20 24 19 DSP BASED SO28 Figure 1b. BLOCK DIAGRAM for SO28 package I 2C CONTROL SERIAL INPUT INTERFACE BUFFER 256 x 8 MPEG L III ADPCM CORE VOLUME & TONE CONTROL OUTPUT BUFFER PCM OUTPUT INTERFACE GPIO INTERFACE GPSO INTERFACE PARSER 25 31 32 RESET SDA SCL 34 36 38 27 BIT_EN DATA-REQ SCKR SDI ADC INPUT INTERFACE 40 26 24 SDI_ADC LRCK_ADC SCK_ADC SDO IODATA [7:0] STROBE 42 43 41 39 37 14 16 18 20 35 44 2 3 SCKT LRCKT GPSO_REQ 4 28 33 GPSO_SCKR GPSO_DATA OCLK SYSTEM & AUDIO CLOCKS XTI XTO FILT TESTEN D99AU1116A 15 13 22 12 DSP BASED TQFP44 Figure 1a. BLOCK DIAGRAM for TQFP44 and LFBGA64 package Note: pin numbers refer to TQFP44 only. STA014-STA014B-STA014T 2/45 |