| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA002 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA002 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 43 page ![]() Reg name: SERVICE COMPONENT 7 Internal address: 118H, 119H, 11AH, 11BH Type: R Description : Contains information about the service compo- nent of the broadcast channel SC7_LENGHT & SC7_TYPE (addr 118H) MSB LSB b31 b30 b29 b28 b27 b26 b25 b24 SC7 _EC & SC7_PT(addr 119H) MSB LSB b23 b22 b21 b20 b19 b18 b17 b16 SC7_PT (addr 11AH) MSB LSB b15 b14 b13 b12 b11 b10 b9 b8 LANGUAGE7 (addr 11BH) MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 b31 to b28 = SC length Bit rate of the service component divided by 8 kbps: 0000: 8 kbps 0001: 16 kbps ............... 1111: 128 kbps b27 to b24 = SC type Type of service component: 0000: MPEG 0001: general data 0100: JPEG 0101: Low bit rate video 1111: invalid data else: RFU b23 = Encryption flag 0: not encrypted SC 1: encrypted SC b22 to b8 = Program type b7 to b0 = SC language Reg name: SERVICE COMPONENT 8 Internal address: 11CH, 11DH, 11EH, 11FH Type: R Description : Contains information about the service compo- nent of the broadcast channel SC8 _LENGHT & SC38_TYPE(addr 11CH) MSB LSB b31 b30 b29 b28 b27 b26 b25 b24 SC8 _EC & SC8_PT(addr 11DH) MSB LSB b23 b22 b21 b20 b19 b18 b17 b16 SC8 _PT (addr 11EH) MSB LSB b15 b14 b13 b12 b11 b10 b9 b8 LANGUAGE8 (addr 11FH) MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 b31 to b28 = SC length Bit rate of the service component divided by 8 kbps: 0000: 8 kbps 0001: 16 kbps ............... 1111: 128 kbps b27 to b24 = SC type Type of service component: 0000: MPEG 0001: general data 0100: JPEG 0101: Low bit rate video 1111: invalid data else: RFU b23 = Encryption flag 0: not encrypted SC 1: encrypted SC b22 to b8 = Program type b7 to b0 = SC language STA002 34/43 |