| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72311R6T6 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72311R6T6 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 36/164 POWER SAVING MODES (Cont’d) 7.4 ACTIVE-HALT AND HALT MODES ACTIVE-HALT and HALT modes are the two low- est power consumption modes of the MCU. They are both entered by executing the ‘HALT’ instruc- tion. The decision to enter either in ACTIVE-HALT or HALT mode is given by the MCC/RTC interrupt enable flag (OIE bit in MCCSR register). 7.4.1 ACTIVE-HALT MODE ACTIVE-HALT mode is the lowest power con- sumption mode of the MCU with a real time clock available. It is entered by executing the ‘HALT’ in- struction when the OIE bit of the Main Clock Con- troller Status register (MCCSR) is set (see Section 10.2 on page 52 for more details on the MCCSR register). The MCU can exit ACTIVE-HALT mode on recep- tion of either an MCC/RTC interrupt, a specific in- terrupt (see Table 7, “Interrupt Mapping,” on page 32) or a RESET. When exiting ACTIVE- HALT mode by means of a RESET or an interrupt, a 4096 CPU cycle delay occurs. After the start up delay, the CPU resumes operation by servicing the interrupt or by fetching the reset vector which woke it up (see Figure 22). When entering ACTIVE-HALT mode, the I[1:0] bits in the CC register are forced to ‘10’ to enable inter- rupts. Therefore, if an interrupt is pending, the MCU wakes up immediately. In ACTIVE-HALT mode, only the main oscillator and its associated counter (MCC/RTC) are run- ning to keep a wake-up time base. All other periph- erals are not clocked except those which get their clock supply from another clock generator (such as external or auxiliary oscillator). The safeguard against staying locked in ACTIVE- HALT mode is provided by the oscillator interrupt. Note: As soon as the interrupt capability of one of the oscillators is selected (MCCSR.OIE bit set), entering ACTIVE-HALT mode while the Watchdog is active does not generate a RESET. This means that the device cannot spend more than a defined delay in this power saving mode. Figure 21. ACTIVE-HALT Timing Overview Figure 22. ACTIVE-HALT Mode Flow-chart Notes: 1. Peripheral clocked with an external clock source can still be active. 2. Only the MCC/RTC interrupt and some specific interrupts can exit the MCU from ACTIVE-HALT mode (such as external interrupt). Refer to Table 7, “Interrupt Mapping,” on page 32 for more details. 3. Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC reg- ister are set to the current software priority level of the interrupt routine and restored when the CC register is popped. MCCSR OIE bit Power Saving Mode entered when HALT instruction is executed 0 HALT mode 1 ACTIVE-HALT mode HALT RUN RUN 4096 CPU CYCLE DELAY RESET OR INTERRUPT HALT INSTRUCTION FETCH VECTOR ACTIVE [MCCSR.OIE=1] HALT INSTRUCTION RESET INTERRUPT 2) Y N N Y CPU OSCILLATOR PERIPHERALS 1) I[1:0] BITS ON OFF 10 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON OFF XX 3) ON CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON ON XX 3) ON 4096 CPU CLOCK CYCLE DELAY (MCCSR.OIE=1) |