công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST95040B1TR bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện ST95040B1TR
Giải thích chi tiết về linh kiện  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95040B1TR bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button ST95040B1TR Datasheet HTML 10Page - STMicroelectronics ST95040B1TR Datasheet HTML 11Page - STMicroelectronics ST95040B1TR Datasheet HTML 12Page - STMicroelectronics ST95040B1TR Datasheet HTML 13Page - STMicroelectronics ST95040B1TR Datasheet HTML 14Page - STMicroelectronics ST95040B1TR Datasheet HTML 15Page - STMicroelectronics ST95040B1TR Datasheet HTML 16Page - STMicroelectronics ST95040B1TR Datasheet HTML 17Page - STMicroelectronics ST95040B1TR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
PSDIP-a
A2
A1
A
L
e1
D
E1
E
N
1
C
eA
eB
B1
B
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
3.90
5.90
0.154
0.232
A1
0.49
–
0.019
–
A2
3.30
5.30
0.130
0.209
B
0.36
0.56
0.014
0.022
B1
1.15
1.65
0.045
0.065
C
0.20
0.36
0.008
0.014
D
9.20
9.90
0.362
0.390
E
7.62
–
–
0.300
–
–
E1
6.00
6.70
0.236
0.264
e1
2.54
–
–
0.100
–
–
eA
7.80
–
0.307
–
eB
10.00
0.394
L
3.00
3.80
0.118
0.150
N8
8
CP
0.10
0.004
Drawing is not to scale
PSDIP8 - 8 pin Plastic Skinny DIP, 0.25mm lead frame
16/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18